Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB7.5A Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # P6SMB7.5A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

P6SMB7.5A Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  P6SMB7.5A Datasheet HTML 1Page - Cystech Electonics Corp. P6SMB7.5A Datasheet HTML 2Page - Cystech Electonics Corp. P6SMB7.5A Datasheet HTML 3Page - Cystech Electonics Corp. P6SMB7.5A Datasheet HTML 4Page - Cystech Electonics Corp. P6SMB7.5A Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C766SB
Issued Date : 2009.05.18
Revised Date :
Page No. : 1/5
P6SMB6.8A thru P6SMB550CA
CYStek Product Specification
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 600W
Breakdown Voltage 6.8 to 550V
P6SMB6.8A thru P6SMB550CA
Features
Outline
• Low profile package with built-in strain relief for surface mounted
DO-214AA (SMB)
applications
• Plastic package has UL flammability classification 94V-0
• Very-fast response time
• Excellent clamping capability
• Low incremental surge resistance
• Glass passivated junction
• High temperature soldering guaranteed: 250°C/10seconds at
terminals
• 600W peak pulse power capability with a 10/1000μs waveform,
repetition rate (duty cycle) : 0.01%
Mechanical Data
• Case : JEDEC DO-214AA(SMB) molded plastic body
• Terminals: Pure tin plated, solderable per MIL-STD-750 method 2026
• Polarity: For uni-directional types, the band denotes the cathode, which is positive with respective to the anode
under normal TVS operation
• Weight: 0.003 oz., 0.093 gram
Devices for bidirectional applications
For bi-directional devices, use suffix CA (e.g. P6SMB10CA). Electrical characteristics apply in both directions.
Maximum Ratings and Characteristics(TA=25
°C, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000μs waveform (Fig. 1)
PPPM
Minimum 600 (Note 1, 2)
W
Peak pulse current with a 10/1000μs waveform
(Note 1)
IPPM
See next table
A
Power dissipation on infinite heatsink, TA=50°C
PM(AV)
5
W
Peak forward surge current, 8.3ms single half sine wave
uni-directional only (Note 2)
IFSM
100
A
Typical thermal resistance, junction-to-leads
RθJL
20
°C/W
Typical thermal resistance, junction-to-ambient (Note 3)
RθJA
100
°C/W
Operating junction and storage temperature range
TJ;TSTG
-55 ~ +150
°C
Notes: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2
2.Mounted on 0.2”×0.2” (5mm×5mm) copper pads to each terminal
3.Mounted on minimum recommended pad layout


Similar Part No. - P6SMB7.5A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB7.5A CENTRAL-P6SMB7.5A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Taiwan Semiconductor Co...
P6SMB7.5A TSC-P6SMB7.5A Datasheet
192Kb / 6P
   600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
P6SMB7.5A EIC-P6SMB7.5A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P6SMB7.5A CHENDA-P6SMB7.5A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
SHIKUES Electronics
P6SMB7.5A SKTECHNOLGY-P6SMB7.5A Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results

Similar Description - P6SMB7.5A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com