Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA33A Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # P4SMA33A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

P4SMA33A Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  P4SMA33A Datasheet HTML 1Page - Cystech Electonics Corp. P4SMA33A Datasheet HTML 2Page - Cystech Electonics Corp. P4SMA33A Datasheet HTML 3Page - Cystech Electonics Corp. P4SMA33A Datasheet HTML 4Page - Cystech Electonics Corp. P4SMA33A Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C767SA
Issued Date : 2009.05.19
Revised Date :2010.01.14
Page No. : 1/5
P4SMA6.8A thru P4SMA550CA
CYStek Product Specification
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 400W
Breakdown Voltage 6.8 to 550V
P4SMA6.8A thru P4SMA550CA
Features
Outline
• Low profile package with built-in strain relief for surface mounted
DO-214AC (SMA)
applications
• Plastic package has UL flammability classification 94V-0
• Ideal for ESD protection of data line in accordance with IEC1000-4-2
(IEC801-2)
• Ideal for EFT protection of data line in accordance with IEC1000-4-4
(IEC801-4)
• Very-fast response time
• Optimized for LAN protection applications
• Low incremental surge resistance, excellent clamping capability
• Glass passivated junction
• High temperature soldering guaranteed: 250°C/10seconds at
terminals
• 400W peak pulse power capability with a 10/1000μs waveform,
repetition rate (duty cycle) : 0.01% (300W above 91V)
Mechanical Data
• Case : JEDEC DO-214AC(SMA) molded plastic body
• Terminals: Pure tin plated, solderable per MIL-STD-750 method 2026
• Polarity: For uni-directional types, the band denotes the cathode, which is positive with respective to the anode
under normal TVS operation
• Mounting position : Any
• Weight: 0.002 oz., 0.064 gram
Devices for bidirectional applications
For bi-directional devices, use suffix CA (e.g. P4SMA10CA). Electrical characteristics apply in both directions.
Maximum Ratings and Characteristics(TA=25
°C, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000μs waveform (Fig. 1)
PPPM
Minimum 400 (Note 1, 2)
W
Peak pulse current with a 10/1000μs waveform (Fig. 3)
IPPM
See next table (Note 1)
A
Power dissipation on infinite heatsink, TA=50°C
PM(AV)
1
W
Peak forward surge current, 8.3ms single half sine wave
uni-directional only (Note 2)
IFSM
40
A
Typical thermal resistance, junction-to-leads
RθJL
30
°C/W
Typical thermal resistance, junction-to-ambient (Note 3)
RθJA
120
°C/W
Operating junction and storage temperature range
TJ;TSTG
-55 ~ +150
°C
Notes: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2. Rating is 300W above 91V.
2.Mounted on 0.2”×0.2” (5mm×5mm) copper pads to each terminal
3.Mounted on minimum recommended pad layout


Similar Part No. - P4SMA33A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA33A WTE-P4SMA33A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA33A DGNJDZ-P4SMA33A Datasheet
100Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA33A SSC-P4SMA33A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
P4SMA33A YFWDIODE-P4SMA33A Datasheet
510Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Central Semiconductor C...
P4SMA33A CENTRAL-P4SMA33A Datasheet
944Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
More results

Similar Description - P4SMA33A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com