Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE20A Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # P6KE20A
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

P6KE20A Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  P6KE20A Datasheet HTML 1Page - Cystech Electonics Corp. P6KE20A Datasheet HTML 2Page - Cystech Electonics Corp. P6KE20A Datasheet HTML 3Page - Cystech Electonics Corp. P6KE20A Datasheet HTML 4Page - Cystech Electonics Corp. P6KE20A Datasheet HTML 5Page - Cystech Electonics Corp. P6KE20A Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C758LG
Issued Date : 2009.05.12
Revised Date :2009.06.15
Page No. : 1/6
P6KE6.8 thru P6KE550CA
CYStek Product Specification
Transient Voltage Suppressors
Peak Pulse Power 600W Breakdown Voltage 6.8V to 550V
P6KE6.8 thru P6KE550CA
Descriptions
The P6KE TVS series is a low cost commercial product for use in applications where large voltage transients can
permanently damage voltage sensitive components.
The P6KE series device types are designed in a small package size where power and space is a consideration. They
are characterized by their high surge capability, extremely fast response time, and low impedance, RON. Because of
the unpredictable nature of transients, and the variation of the impedance with respect to these transients, impedance
is not specified as a parametric value. However, a minimum voltage at low current conditions (BV) and a maximum
clamping voltage (VC) at a maximum peak pulse current is specified.
In some instances, the thermal effect (see VC clamping voltage) may be responsible for 50% to 70% of the observed
voltage differential when subjected to high current pulses for several duty cycles, thus making a maximum
impedance specification insignificant.
In case of a severe current overload or abnormal transient beyond the maximum ratings, the Transient Voltage
Suppressor will initially fail ‘short’ thus tripping the system’s circuit breaker or fuse while protecting the entire circuit.
Curves depicting clamping voltage vs. various current pulses are available from the factory. Extended power curves
vs. pulse time are also available.
Features
Plastic package has the UL flammability classification 94V-0
Glass passiviated junction
600W peak pulse power capability with a 10/1000μs waveform, repetition rate (duty cycle) : 0.01%
•Excellent clamping capability
•Low incremental surge resistance
•Very fast response time
•High temperature soldering guaranteed : 265°C/10 seconds, 0.375”(9.5mm) lead length, 5lbs. (2.3kg) tension
Mechanical Characteristics:
•Case: JEDEC DO-204AC(DO-15) molded plastic body over passivated junction
•Terminals: Tin plated axial leads, solderable per MIL-STD-750, method 2026
•Polarity: For unidirectional types, the color band denotes the cathode, which is positive with respect to the anode
under normal TVS operation
•Mounting position: Any
•Weight : 0.015oz., 0.4grams
Devices for bidirectional applications
For bi-directional devices, use suffix C or CA for types P6KE6.8 through P6KE440 (e.g. P6KE6.8C or P6KE6.8CA).
Electrical characteristics apply in both directions.


Similar Part No. - P6KE20A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE20A MOTOROLA-P6KE20A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE20A VISHAY-P6KE20A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
TAITRON Components Inco...
P6KE20A TAITRON-P6KE20A Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
P6KE20A SEMITECH-P6KE20A Datasheet
280Kb / 5P
   600W Peak Pulse Power Dissipation
logo
EIC discrete Semiconduc...
P6KE20A EIC-P6KE20A Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE20A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com