Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE22 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # P6KE22
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

P6KE22 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  P6KE22 Datasheet HTML 1Page - Cystech Electonics Corp. P6KE22 Datasheet HTML 2Page - Cystech Electonics Corp. P6KE22 Datasheet HTML 3Page - Cystech Electonics Corp. P6KE22 Datasheet HTML 4Page - Cystech Electonics Corp. P6KE22 Datasheet HTML 5Page - Cystech Electonics Corp. P6KE22 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C758LG
Issued Date : 2009.05.12
Revised Date :2009.06.15
Page No. : 4/6
P6KE6.8 thru P6KE550CA
CYStek Product Specification
Electrical Characteristics(Cont.)
Breakdown Voltage
V(BR)
(V)
1
Device
Min
Max
Test
current
at IT
(mA)
Standoff
voltage
VWM
(V)
Maximum
reverse
leakage at
VWM
ID
3
(
μA)
Maximum
peak pulse
Current
IPPM
2
(A)
Maximum
clamping
voltage at
IPPM
VC
(V)
Maximum
temperature
coefficient of
V(BR)
(%/°C)
P6KE110
99.0
121
1.0
89.2
1.0
3.8
158
0.107
P6KE110A
105
116
1.0
94.0
1.0
3.9
152
0.107
P6KE120
108
132
1.0
97.2
1.0
3.5
173
0.107
P6KE120A
114
126
1.0
102
1.0
3.6
165
0.107
P6KE130
117
143
1.0
105
1.0
3.2
187
0.107
P6KE130A
124
137
1.0
111
1.0
3.4
179
0.107
P6KE150
135
165
1.0
121
1.0
2.8
215
0.108
P6KE150A
143
158
1.0
128
1.0
2.9
207
0.108
P6KE160
144
176
1.0
130
1.0
2.6
230
0.108
P6KE160A
152
168
1.0
136
1.0
2.7
219
0.108
P6KE170
153
187
1.0
138
1.0
2.5
244
0.108
P6KE170A
162
179
1.0
145
1.0
2.6
234
0.108
P6KE180
162
198
1.0
146
1.0
2.3
258
0.108
P6KE180A
171
189
1.0
154
1.0
2.4
246
0.108
P6KE200
180
220
1.0
162
1.0
2.1
287
0.108
P6KE200A
190
210
1.0
171
1.0
2.2
274
0.108
P6KE220
198
242
1.0
175
1.0
1.7
344
0.108
P6KE220A
209
231
1.0
185
1.0
1.8
328
0.108
P6KE250
225
275
1.0
202
1.0
1.7
360
0.110
P6KE250A
237
263
1.0
214
1.0
1.7
344
0.110
P6KE300
270
330
1.0
243
1.0
1.4
430
0.110
P6KE300A
285
315
1.0
256
1.0
1.4
414
0.110
P6KE350
315
385
1.0
284
1.0
1.2
504
0.110
P6KE350A
333
368
1.0
300
1.0
1.2
482
0.110
P6KE400
360
440
1.0
324
1.0
1.0
574
0.110
P6KE400A
380
420
1.0
342
1.0
1.1
548
0.110
P6KE440
396
484
1.0
356
1.0
0.95
631
0.110
P6KE440A
418
462
1.0
376
1.0
1.0
602
0.110
P6KE480A
456
504
1.0
408
1.0
0.9
658
0.110
P6KE510A
485
535
1.0
434
1.0
0.9
698
0.110
P6KE530A
503.5
556.5
1.0
450
1.0
0.8
725
0.110
P6KE540A
513
567
1.0
459
1.0
0.8
740
0.110
P6KE550A
522.5
577.5
1.0
467
1.0
0.8
760
0.110
Note: 1.V(BR) measured after IT applied for 300μs, IT=square wave pulse or equivalent
2.Surge current waveform per Fig. 3 and derate per Fig.2
3.For bidirectional types with VWM of 10 volts and less, the ID limit is doubled
4.All terms and symbols are consistent with ANSI/IEEE C62.35
5.For parts without A, the VBR is ±10%.


Similar Part No. - P6KE22

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P6KE22 MCC-P6KE22 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
Pan Jit International I...
P6KE22 PANJIT-P6KE22 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE22 ZSELEC-P6KE22 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
P6KE22 VISHAY-P6KE22 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Microsemi Corporation
P6KE22 MICROSEMI-P6KE22 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - P6KE22

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com