Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02013-DSH-001-G Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # 02013-DSH-001-G
Description  CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

02013-DSH-001-G Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button 02013-DSH-001-G Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. 02013-DSH-001-G Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 02013-DSH-001-G Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 02013-DSH-001-G Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. 02013-DSH-001-G Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. 02013-DSH-001-G Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. 02013-DSH-001-G Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. 02013-DSH-001-G Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. 02013-DSH-001-G Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
02013-DSH-001-G
Mindspeed Technologies
®
8
Mindspeed Proprietary and Confidential
3.0
Functional Description
3.1
Overview
The M02013 is a transimpedance amplifier (TIA) with AGC manufactured in a sub-micron, CMOS process. The
AGC allows more than 25 dBm of dynamic range, providing a low-cost solution for longer-reach 3.2 Gbps ATM/
SONET systems.
For optimum system performance, the M02013 die should be mounted with a silicon or InGaAs PIN photodetector
inside a lensed TO-Can or other optical sub-assembly.
he M02013 can either bias the PIN diode from the internal regulator or use an externally biased PIN diode.
A replica of the average photodiode current is available at the MON pad for photo-alignment and 'Loss of Signal'
(LOS) monitoring.
Figure 3-1.
M02013 Block Diagram
DC
Restore
Phase
Splitter
B.I.S.T.
EN
AGC
PINA
PINK
MON
DOUT
DOUT
2.6 V
1 V
DC Shift


Similar Part No. - 02013-DSH-001-G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results

Similar Description - 02013-DSH-001-G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
02016-DSH-001-G MA-COM-02016-DSH-001-G Datasheet
323Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com