Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02016-DSH-001-G Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # 02016-DSH-001-G
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

02016-DSH-001-G Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button 02016-DSH-001-G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Product Specification
02016-DSH-001-G
Mindspeed Technologies
®
5
Mindspeed Proprietary and Confidential
Vcc = 3.3V, Temperature = 25 °C, Lin = 1 nH, unless otherwise stated.
Figure 1-2.
Typical Performance Diagrams 2 of 3
M02016 Bandwidth vs. Input Capacitance
3.3V, NOM, LIN = 1nH
400
600
800
1000
1200
1400
1600
0.2
0.4
0.6
0.8
1
CIN (pF)
T = -40ºC
T = 0ºC
T = 27ºC
T = 85ºC
T = 110ºC
Deterministic Jitter vs Iin
0
5
10
15
20
0.001
0.01
0.1
1
10
Input current (mA p-p)
M02016 Input Referred Noise vs Temperature
3.3V, NOM, LIN = 1nH
125
130
135
140
145
-40
10
60
110
Junction Temperature (ºC)
CIN = 0.3pF
CIN = 0.5pF
CIN = 0.75pF
CIN = 0.85pF
CIN = 1.0pF


Similar Part No. - 02016-DSH-001-G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02016-BRF-001-A MA-COM-02016-BRF-001-A Datasheet
152Kb / 2P
   1.25 Gbps Transimpedance Amplifier with AGC
More results

Similar Description - 02016-DSH-001-G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02016-BRF-001-A MA-COM-02016-BRF-001-A Datasheet
152Kb / 2P
   1.25 Gbps Transimpedance Amplifier with AGC
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com