Electronic Components Datasheet Search |
|
02016-DSH-001-G Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
02016-DSH-001-G Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 19 page 02016-DSH-001-G Mindspeed Technologies ® August 2007 Mindspeed Proprietary and Confidential M02016 CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps Applications •GPON •GEPON • Gigabit Ethernet • Fiber Channel The M02016 is a CMOS transimpedance amplifier with AGC. The AGC gives a wide dynamic range of 35 dB. The high transimpedance gain of 24 k Ω ensures good sensitivity. For optimum system performance, the M02016 die should be mounted with a silicon or InGaAs PIN photo detector inside a lensed TO-Can or other optical sub-assembly. The M02016 can either bias the PIN diode from the internal regulator or use an externally biased PIN diode. A replica of the average photodiode current is available at the MON pad for photo-alignment. Typical Applications Diagram PINA DOUT DOUTB VCC PINK 1 nF M02016 470 pF VCC GND TIA Bond Pad TO Can Lead Typically AC-Coupled to Limiting Amplifier Limiting Amplifier Features • Typical –29dBm sensitivity, +6 dBm saturation at 1.25 Gbps when used with 0.9 A/W InGaAs PIN. (Cpd ≤ 0.5pF, BER 10–10) • Typical differential transimpedance: 24 k Ω • Fabricated in standard CMOS • Differential output • Standard +3.3 Volt supply • Available in die form only • Monitor output • AGC provides dynamic range of 35 dB • Internal or external bias for photodiode • PIN or APD sensor • Same pad layout and die size as M02011/13/14/15 |
Similar Part No. - 02016-DSH-001-G |
|
Similar Description - 02016-DSH-001-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |