Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02016-DSH-001-G Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # 02016-DSH-001-G
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

02016-DSH-001-G Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  02016-DSH-001-G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 02016-DSH-001-G Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Product Specification
02016-DSH-001-G
Mindspeed Technologies
®
2
Mindspeed Proprietary and Confidential
1.3
DC Characteristics
1.4
AC Characteristics
Table 1-3.
DC Characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Units
VB
Photodiode bias voltage (PINK – PINA)
1.7
2.0
2.2
V
VCM
Common mode output voltage
0.7
1
1.3
V
ICC
Supply current (no loads)
23
30
39
mA
RLOAD
Recommended differential output loading
100 (1)
NOTE:
1.
100
Ω is the load presented by the limiting amplifier.
Table 1-4.
AC Characteristics
Symbol
Parameter
Minimum
Typical(1)
Maximum
Units
ROUT
Output impedance (single ended) (2)
35
50
65
LFC
Low frequency cutoff (3)
70
115
kHz
VD
Differential output voltage
275
500
mV
DCD
Duty cycle distortion
40
ps
DJ
Deterministic jitter (includes DCD)
80
psPP
In_rms
Total input RMS noise, DC to 930 MHz, Cin = 0.5 pF
130
185
nA
Pin
Example dynamic range of optical input (4)
–28
+6
dBm
PIN_mean_min
Optical Sensitivity (4)
–29
dBm
NOTES:
1.
Die designed to operate over an ambient temperature range of –40°C to +85°C, TA and VCC range from 3.0–3.6V. Typical values are
tested at TA = 25°C and VCC= 3.3V.
2.
Measured at 1 MHz.
3.
Input –28 dBm, Extinction Ratio = 10, Temp = 25
°C.
4.
BER 10–10, PD capacitance = 0.5 pF, Responsivity 0.9 A/W, Extinction Ratio = 10.


Similar Part No. - 02016-DSH-001-G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02016-BRF-001-A MA-COM-02016-BRF-001-A Datasheet
152Kb / 2P
   1.25 Gbps Transimpedance Amplifier with AGC
More results

Similar Description - 02016-DSH-001-G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02016-BRF-001-A MA-COM-02016-BRF-001-A Datasheet
152Kb / 2P
   1.25 Gbps Transimpedance Amplifier with AGC
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com