Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2025-6009-06 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2025-6009-06
Description  Directional Couplers, Multi-Octave
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2025-6009-06 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2025-6009-06 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Directional Couplers,
Multi-Octave
Rev. V2
2025 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Flat Frequency Response
• Frequency Range: 0.5 - 18 GHz
• Multi-Octave Bandwidths
• Temperature Range: -54°C to +125°C
• Meets MIL-E-5400 Environments
Outline Drawing
Case
Style
A
Inch
(mm)
B
Inch
(mm)
C
Inch
(mm)
D
Inch
(mm)
E
Inch
(mm)
F
Inch
(mm)
G
Inch
(mm)
H
Inch
(mm)
Weight
oz
Weight
g
1
4.92 (125)
3.5 (89)
4.42 (112)
0.60 (15.2)
0.27 (6.73) 0.71 (18.1) 0.143 (3.63)
0.25 (6.4)
2.10
58.8
2
2.66( 67.6)
1.48 (37.6) 2.22 (56.4)
0.60 (15.2)
0.27 (6.73)
0.59 (15)
0.143 (3.63) 0.22 (5.59)
1.26
35.3
3
1.99 (50.5)
0.88 (22.2) 1.44 (36.6)
0.63 (15.9)
0.28 (7.11) 0.56 (14.2) 0.143 (3.63) 0.28 (7.06)
1.05
29.4
4
1.21 (30.7)
0.38 (9.7)
0.69 (17.6)
0.60 (15.2)
0.22 (5.56) 0.42 (10.6) 0.104 (2.64) 0.26 (6.55)
0.74
20.7
5
1.16 (29.5)
0.50 (12.7) 0.65 (16.5)
0.57 (14.4)
0.25 (6.35) 0.33 (8.33) 0.104 (2.64) 0.25 (6.45)
0.69
19.3
Mechanical Specifications
Specifications
*Reference to output port for use as leveling coupler.
Part Number Case
Style
Freq.
Range
(GHz)
Coupling
(Include.
Freq.
Sens.(dB)
Freq.
Sens
. (dB)
Insertion
Loss Max
(dB)
Direct.
Min.
(dB)
VSWR
Max
Prim
Line
VSWR
Max
Sec
Line
Power
(Input)
Avg.
In. (w)
Power
(Input)
Avg.
Refl.
(W)
Power
(Input)
Pk.
(kW)
2025-6001-06
2025-6002-10
2025-6003-16
2025-6004-20
1
1
1
1
0.5-2.0
6 ± 1.0
10 ± 1.0
16 ± 1.0*
20 ± 1.0
±0.4
±0.4
±0.4
±0.4
0.4
0.35
0.3
0.3
18
18
22
22
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
50
50
50
50
4
10
40
50
4
4
4
4
2025-6005-06
2025-6006-10
2025-6007-16
2025-6008-20
2
2
2
2
1.0-4.0
6 ± 1.0
10 ± 1.0
16 ± 1.0*
20 ± 1.0
±0.4
±0.4
±0.4
±0.4
0.35
0.3
0.3
0.3
18
18
22
22
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
50
50
50
50
4
10
40
50
4
4
4
4
2025-6009-06
2025-6010-10
2025-6012-20
3
3
3
2.0-8.4
6 ± 1.0
10 ± 1.0
20 ± 1.0
±0.3
±0.3
±0.3
0.4
0.35
0.35
18
18
20
1.25
1.25
1.25
1.25
1.25
1.25
50
50
50
50
4
10
50
4
4
4
4
2025-6013-06
2025-6014-10
2025-6015-16
2025-6016-20
4
4
4
4
4.0-12.4
6 ± 1.0
10 ± 1.0
16 ± 1.0*
20 ± 1.0
±0.4
±0.4
±0.4
±0.4
0.5
0.5
0.5
0.5
15
15
15
15
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
50
50
50
50
4
10
40
50
4
4
4
4
2025-6017-06
2025-6018-10
2025-6019-16
2025-6020-20
5
5
5
5
6.0-18.0
6 ± 1.0
10 ± 1.0
16 ± 1.0*
20 ± 1.0
±0.4
±0.4
±0.4
±0.4
0.7
0.6
0.6
0.6
15
16
16
15
1.40
1.40
1.40
1.40
1.40
1.40
1.40
1.40
50
50
50
50
4
10
40
50
4
4
4
4


Similar Part No. - 2025-6009-06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2025-6009-06 MACOM-2025-6009-06 Datasheet
155Kb / 1P
   Directional Couplers Multi-Octave
logo
M/A-COM Technology Solu...
2025-6009-06 MA-COM-2025-6009-06 Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025-6009-06 MA-COM-2025-6009-06 Datasheet
375Kb / 2P
   Directional Couplers, Multi-Octave
More results

Similar Description - 2025-6009-06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2025 MACOM-2025 Datasheet
155Kb / 1P
   Directional Couplers Multi-Octave
logo
M/A-COM Technology Solu...
2025 MA-COM-2025 Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025 MA-COM-2025_15 Datasheet
375Kb / 2P
   Directional Couplers, Multi-Octave
2020-6605-10 MA-COM-2020-6605-10 Datasheet
365Kb / 3P
   Directional Couplers Mini Octave Bandwidth
2020 MA-COM-2020_15 Datasheet
370Kb / 3P
   Directional Couplers Mini, Octave Bandwidth
2020SERIES MA-COM-2020SERIES Datasheet
55Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
logo
Tyco Electronics
2020 MACOM-2020 Datasheet
128Kb / 2P
   Directional Couplers Mini, Octave Brandwidth
logo
M/A-COM Technology Solu...
2020 MA-COM-2020 Datasheet
52Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
M/A-COM Technology Solu...
2023 MA-COM-2023 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com