Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2020-6614-20 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 2020-6614-20
Description  Directional Couplers Mini, Octave Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2020-6614-20 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2020-6614-20 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2020-6614-20 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Directional Couplers Mini, Octave Bandwidth
2020 Series
Rev. V5
Specifications
2020-6600-06
2020-6601-10
2020-6602-20
2020-6603-30
7
7
7
7
0.5-1.0
6 ± 1.0
10 ± 1.0
20 ± 1.0
30 ± 1.0
±0.60
±0.75
±0.75
±0.75
0.15
0.15
0.15
0.15
25
25
25
20
1.10
1.10
1.10
1.20
1.10
1.10
1.10
1.20
50
50
50
50
4
10
50
50
2020-6604-06
2020-6605-10
2020-6606-20
2020-6607-30
5
5
5
6
1.0-2.0
6 ± 1.0
10 ± 1.0
20 ± 1.0
30 ± 1.0
±0.60
±0.75
±0.75
±0.75
0.20
0.20
0.20
0.20
25
25
25
25
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
50
50
50
50
4
10
50
50
2020-6608-06
2020-6609-10
2020-6610-20
2020-6611-30
3
3
3
4
2.0-4.0
6 ± 1.0
10 ± 1.0
20 ± 1.0
30 ± 1.0
±0.60
±0.75
±0.75
±0.75
0.20
0.20
0.20
0.20
22
22
22
22
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
50
50
50
50
4
10
50
50
2020-6612-06
2020-6613-10
2020-6614-20
2020-6615-30
2
2
2
1
2.6-5.2
6 ± 1.0
10 ± 1.0
20 ± 1.0
30 ± 1.0
±0.60
±0.75
±0.75
±0.75
0.25
0.25
0.25
0.25
20
20
20
20
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
50
50
50
50
4
10
50
50
2020-6616-06
2020-6617-10
2020-6618-20
2020-6619-30
2
2
2
1
4.0-8.0
6 ± 0.75
10 ± 0.75
20 ± 0.75
30 ± 0.75
±0.50
±0.50
±0.50
±0.50
0.25
0.25
0.25
0.25
22
20
20
20
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
50
50
50
50
4
10
50
50
2020-6620-06
2020-6621-10
2020-6622-20
2020-6623-30
2
1
1
1
7.0-12.4
6 ± 1.0
10 ± 0.75
20 ± 0.75
30 ± 1.0
±0.50
±0.40
±0.50
±0.50
0.40
0.40
0.30
0.30
15
17
18
17
1.35
1.30
1.25
1.35
1.35
1.35
1.25
1.35
50
50
50
50
4
10
50
50
2020-6624-06
2020-6625-10
2020-6626-20
2020-6627-30
2
1
1
8
6 ± 1.0
10 ± 1.0
20 ± 1.0
30 ± 1.0
±0.50
±0.50
±0.75
±0.75
0.60
0.40
0.50
0.50
15
20
15
1
15
1
1.35
1.30
1.45
1.45
1.35
1.40
1.45
1.45
50
50
50
50
4
10
50
50
2020-6628-06
2020-6629-10
2020-6630-20
2020-6631-30
2
1
1
8
12.4-18.0
6 ± 0.75
10 ± 0.75
20 ± 0.75
30 ± 0.75
±0.40
±0.40
±0.50
±0.50
0.60
0.40
0.50
0.50
15
20
15
12
1.40
1.30
1.45
1.45
1.40
1.40
1.45
1.45
50
50
50
50
4
10
50
50
7.0-18.0
4
4
4
4
4
4
4
4
-100
-200
-300
-400
2020-4015-06
2020-4015-10
2020-4015-20
2020-4015-30
4
4
4
4
-500
-600
-700
-800
2020-4016-06
2020-4016-10
2020-4016-20
2020-4016-30
4
4
4
4
4
4
4
4
-900
-100
-110
2020-4017-06
2020-4017-10
2020-4017-20
4
4
4
4
-120
-130
-140
-180
2020-4018-06
2020-4018-10
2020-4018-20
2020-4018-30
3
3
3
3
2
2
2
2
-17
2020-4114-20
1. 12 dB from 12.4 to 18.0 GHz
2. Mil spec couplers are offered as commercial equivalents only.


Similar Part No. - 2020-6614-20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2020-6614-20 MACOM-2020-6614-20 Datasheet
128Kb / 2P
   Directional Couplers Mini, Octave Brandwidth
logo
M/A-COM Technology Solu...
2020-6614-20 MA-COM-2020-6614-20 Datasheet
52Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
2020-6614-20 MA-COM-2020-6614-20 Datasheet
365Kb / 3P
   Directional Couplers Mini Octave Bandwidth
2020-6614-20 MA-COM-2020-6614-20 Datasheet
370Kb / 3P
   Directional Couplers Mini, Octave Bandwidth
2020-6614-20 MA-COM-2020-6614-20 Datasheet
365Kb / 3P
   Smallest and Lightest Couplers Available
More results

Similar Description - 2020-6614-20

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2020-6605-10 MA-COM-2020-6605-10 Datasheet
365Kb / 3P
   Directional Couplers Mini Octave Bandwidth
2020 MA-COM-2020_15 Datasheet
370Kb / 3P
   Directional Couplers Mini, Octave Bandwidth
2020 MA-COM-2020 Datasheet
52Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
logo
Tyco Electronics
2020 MACOM-2020 Datasheet
128Kb / 2P
   Directional Couplers Mini, Octave Brandwidth
2025 MACOM-2025 Datasheet
155Kb / 1P
   Directional Couplers Multi-Octave
2023 MACOM-2023 Datasheet
83Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
M/A-COM Technology Solu...
2025SERIES MA-COM-2025SERIES Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2023 MA-COM-2023 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2025 MA-COM-2025 Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025 MA-COM-2025_15 Datasheet
375Kb / 2P
   Directional Couplers, Multi-Octave
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com