Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2020-6620-06 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2020-6620-06
Description  Directional Couplers Mini, Octave Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2020-6620-06 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2020-6620-06 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2020-6620-06 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Directional Couplers Mini, Octave Bandwidth
2020 Series
Rev. V5
Features
• Smallest and Lightest Couplers Available
• 0.5 through 18 GHz, including Wideband Units
• High Directivity - Low VSWR
• Meets MIL-E-5400 Environments
Description
These miniature couplers are designed to provide
sampling of the RF Power propagating in one
direction on a transmission line.
Outline Drawing
* Case Style 7 has four mounting holes located symmetrically to the two shown dotted in figure.
Case Style
A
Inch (mm)
B
Inch (mm)
C
Inch (mm)
D
Inch (mm)
E
Inch (mm)
1
1.00 (25.4)
N/A
0.50 (12.7)
0.55 (13.9)
0.22 (5.6)
2
1.00 (25.4)
N/A
0.50 (12.7)
0.50 (12.7)
0.22 (5.6)
3
1.16 (29.4)
0.34 (8.7)
0.66 (16.7)
0.50 (12.7)
0.22 (5.6)
4
1.16 (29.4)
0.34 (8.7)
0.66 (16.7)
0.55 (13.9)
0.22 (5.6)
5
1.78 (45.2)
0.94 (23.8)
1.28 (32.5)
0.50 (12.7)
0.22 (5.6)
6
1.78 (45.2)
0.94 (23.8)
1.28 (32.5)
0.55 (13.9)
0.22 (5.6)
7*
3.00 (76.2)
1.00 (25.4)
2.50 (64.5)
0.75 (19.1)
0.31 (7.9)
8
1.00 (25.4)
N/A
0.50 (12.7)
0.63 (15.9)
0.22 (5.6)
Weight
oz
0.62
0.60
0.64
0.67
0.82
0.87
1.50
0.67
Weight
g
17.6
17.0
18.2
19.0
23.2
23.3
43.0
19.0
Mechanical Specifications
Note: All dimensions are ± .020, except mounting hole
diameters (± .005) and mounting hole location (± .010).


Similar Part No. - 2020-6620-06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2020-6620-06 MACOM-2020-6620-06 Datasheet
128Kb / 2P
   Directional Couplers Mini, Octave Brandwidth
logo
M/A-COM Technology Solu...
2020-6620-06 MA-COM-2020-6620-06 Datasheet
52Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
2020-6620-06 MA-COM-2020-6620-06 Datasheet
370Kb / 3P
   Directional Couplers Mini, Octave Bandwidth
More results

Similar Description - 2020-6620-06

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2020-6605-10 MA-COM-2020-6605-10 Datasheet
365Kb / 3P
   Directional Couplers Mini Octave Bandwidth
2020 MA-COM-2020_15 Datasheet
370Kb / 3P
   Directional Couplers Mini, Octave Bandwidth
2020 MA-COM-2020 Datasheet
52Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
logo
Tyco Electronics
2020 MACOM-2020 Datasheet
128Kb / 2P
   Directional Couplers Mini, Octave Brandwidth
2025 MACOM-2025 Datasheet
155Kb / 1P
   Directional Couplers Multi-Octave
2023 MACOM-2023 Datasheet
83Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
M/A-COM Technology Solu...
2025SERIES MA-COM-2025SERIES Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2023 MA-COM-2023 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2025 MA-COM-2025 Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025 MA-COM-2025_15 Datasheet
375Kb / 2P
   Directional Couplers, Multi-Octave
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com