Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2089-6210-00 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # 2089-6210-00
Description  Two-, Four-, & Eight-Way Isolated Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2089-6210-00 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  2089-6210-00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2089-6210-00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2089-6210-00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Two-, Four-, & Eight-Way Isolated Power
Dividers Wilkinson
Rev. V3
2089 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
All dimensions are
± .020, except mounting hole diameters (±
.005) and mounting hole location (
± .010) .
Eight-Way Isolated Power Divider Specifications
* Maximum input power with output loads of VSWR
< 2.0:1. Derate to 10% of listed value when arbitrarily terminated.
Features
• Octave and Multi-Octave Frequency Coverage
• Excellent Amplitude and Phase Balance
• Low Insertion Loss
• Low VSWR
Description and Applications
These eight-way in-phase power divides combine
reliable strip transmission line design techniques
with small size and light weight to achieve excellent
performance over octave and multi-octave frequency
ranges. They may also be used to combine in-phase
signals applied at the outputs. SMA female connec-
tors are standard.
Typical Performance Part No. 2089-6803-00
Part No.
Frequency
Range
(GHz)
VSWR
(max.)
Isolation
dB (min.)
Insertion
Loss
dB
(max.)
Output
Unbalance
Maximum
Input
Power*
(watts)
Size, Inches
Amp.
(dB)
Phase
(deg.)
A
B
H
I
2089-6801-00
1.0-2.0
1.5:1
20
1.0
0.8
8
6.0
4.5
5.0
1.0
0.50
15
2089-6802-00
2.0-4.0
1.5:1
18
1.0
0.8
10
6.0
4.0
2.0
0.5
0.25
12
2089-6803-00
4.0-8.0
1.6:1
15
1.5
0.8
16
6.0
4.0
2.0
0.5
0.25
12
2089-6804-00
8.0-12.4
1.7:1
15
1.7
0.8
16
6.0
4.0
2.0
0.5
0.25
12
2089-6805-00
12.4-18.0
1.7:1
15
2.2
0.8
24
10.0
4.0
2.0
0.5
0.25
12
2089-6806-00
0.5-2.0
1.5:1
20
1.5
0.8
8
12.0
4.5
5.0
1.0
0.50
15
2089-6807-00
2.0-8.0
1.6:1
15
2.0
1.2
16
12.0
4.0
2.0
0.5
0.25
12
2089-6808-00
2.0-18.0
1.8:1
15
3.3
1.8
24
30.0
4.5
5.0
1.0
0.50
15
2089-6810-00
7.0-18.0
1.8:1
15
2.5
1.5
24
10.0
4.0
2.0
0.5
0.25
12
Weight
(NOM.)
oz.


Similar Part No. - 2089-6210-00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2089-6210-00 MA-COM-2089-6210-00 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power Dividers Wilkinson
2089-6210-00 MA-COM-2089-6210-00 Datasheet
425Kb / 4P
   Excellent Amplitude and Phase Balance
More results

Similar Description - 2089-6210-00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2089 MA-COM-2089 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power Dividers Wilkinson
logo
Guangzhou Reicu Electro...
RS3485PCHT-H REICU-RS3485PCHT-H Datasheet
3Mb / 1P
   Isolated two-way communication
REV:18.2
logo
M/A-COM Technology Solu...
DS-309 MA-COM-DS-309 Datasheet
58Kb / 2P
   Eight-Way Power Divider
logo
Tyco Electronics
2090 MACOM-2090 Datasheet
70Kb / 1P
   Two-Way Isolated Power Dividers Tapered, Ultra Broadband
logo
Shenzhen Huazhimei Semi...
CD4052 HMSEMI-CD4052 Datasheet
779Kb / 14P
   two-way four-choice analog switch circuit
HM74HC4052 HMSEMI-HM74HC4052 Datasheet
475Kb / 14P
   Two way four choose one analog switch
logo
M/A-COM Technology Solu...
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
   Broadband Eight -Way Power Divider
DS-112-DS-312 MA-COM-DS-112-DS-312 Datasheet
94Kb / 3P
   Four-Way Power Divider
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
   Four -Way Power Divider
logo
Pulse A Technitrol Comp...
DASSPLIT4WNF PULSE-DASSPLIT4WNF Datasheet
396Kb / 1P
   Four Way Power Splitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com