Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBPS19014 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PBPS19014
Description  Mounting hardware not included
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PBPS19014 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PBPS19014 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
PBPS19014
NOTES
Material: 14 ga. Steel (0.072").
Mounting hardware not included.
8X
0.250 X 0.531
SLOT
PBPS19014BK2
PAINTED BLACK (SEMI-GLOSS)
PBPS19014CG2
PAINTED RAL7032 GRAY (SEMI-GLOSS)
PBPS19014GY2
PAINTED ASA61 GRAY (SEMI-GLOSS)
PBPS19014LG2
PAINTED RAL7035 GRAY (SEMI-GLOSS)
PART NUMBERS
13.97 in
355 mm
19.00 in
483 mm
18.19 in
462 mm
1.48 in
38 mm
4.00 in
102 mm
4.00 in
102 mm
3.00 in
76 mm


Similar Part No. - PBPS19014

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PBPS19014BK2 HAMMOND-PBPS19014BK2 Datasheet
64Kb / 1P
   Panneaux pour batis en acier
PBPS19014GY2 HAMMOND-PBPS19014GY2 Datasheet
64Kb / 1P
   Panneaux pour batis en acier
PBPS19014LG2 HAMMOND-PBPS19014LG2 Datasheet
64Kb / 1P
   Panneaux pour batis en acier
PBPS19014WH HAMMOND-PBPS19014WH Datasheet
74Kb / 1P
   Mounting hardware not included.
More results

Similar Description - PBPS19014

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PBPS19029 HAMMOND-PBPS19029 Datasheet
68Kb / 1P
   Mounting hardware not included
PCMDS19001 HAMMOND-PCMDS19001 Datasheet
283Kb / 1P
   Mounting hardware not included
PBFS19022 HAMMOND-PBFS19022 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19008 HAMMOND-PBPA19008 Datasheet
67Kb / 1P
   Mounting hardware not included.
PBPA19026 HAMMOND-PBPA19026 Datasheet
68Kb / 1P
   Mounting hardware not included
PBPA19029 HAMMOND-PBPA19029 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPS19001 HAMMOND-PBPS19001 Datasheet
66Kb / 1P
   Mounting hardware not included
PBPS19003 HAMMOND-PBPS19003 Datasheet
66Kb / 1P
   Mounting hardware not included
PBFS19005 HAMMOND-PBFS19005 Datasheet
68Kb / 1P
   Mounting hardware not included
PBFS19017 HAMMOND-PBFS19017 Datasheet
69Kb / 1P
   Mounting hardware not included
PBFS19021 HAMMOND-PBFS19021 Datasheet
69Kb / 1P
   Mounting hardware not included
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com