Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3487EEPA Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM3487EEPA
Description  짹15kV ESD-Protected, Fail-Safe, Hot-Swappable Auto Polarity Reversal RS-485 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3487EEPA Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM3487EEPA Datasheet HTML 2Page - Union Semiconductor, Inc. UM3487EEPA Datasheet HTML 3Page - Union Semiconductor, Inc. UM3487EEPA Datasheet HTML 4Page - Union Semiconductor, Inc. UM3487EEPA Datasheet HTML 5Page - Union Semiconductor, Inc. UM3487EEPA Datasheet HTML 6Page - Union Semiconductor, Inc. UM3487EEPA Datasheet HTML 7Page - Union Semiconductor, Inc. UM3487EEPA Datasheet HTML 8Page - Union Semiconductor, Inc. UM3487EEPA Datasheet HTML 9Page - Union Semiconductor, Inc. UM3487EEPA Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Jan.2014
6/14
UM3487E
Typical Operating Characteristics
(VCC=3.3V, driver output and receiver output no load, unless otherwise noted.)
RLOAD=5kΩ
RLOAD=5kΩ
RLOAD=54Ω


Similar Part No. - UM3487EEPA

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM3480 UMC-UM3480 Datasheet
37Kb / 1P
   Multi-Melody Generator with Sleep Function
logo
BOWIN ELECTRONIC CO.
UM3481 BOWIN-UM3481 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
UM3481 BOWIN-UM3481 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
UM3481 BOWIN-UM3481 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
logo
UMC Corporation
UM3481A UMC-UM3481A Datasheet
37Kb / 1P
   Multi-Melody Generator with Sleep Function
More results

Similar Description - UM3487EEPA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3089E UNIONSEMI-UM3089E Datasheet
764Kb / 14P
   짹15kV ESD-Protected, Fail-Safe, Hot-Swappable Auto Polarity Reversal RS-485 Transceivers
UM3087E UNIONSEMI-UM3087E Datasheet
374Kb / 13P
   짹15kV ESD-Protected, Fail-Safe, Hot-Swappable
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com