Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEE0JA102P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEE0JA102P
Description  Aluminum Electrolytic Capacitors/ S
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE0JA102P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEE0JA102P Datasheet HTML 1Page - Panasonic Semiconductor EEE0JA102P Datasheet HTML 2Page - Panasonic Semiconductor EEE0JA102P Datasheet HTML 3Page - Panasonic Semiconductor EEE0JA102P Datasheet HTML 4Page - Panasonic Semiconductor EEE0JA102P Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
– EEE-10 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Endurance
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(hours)
(pcs)
4
22
3
5.4
A
190.37
1000
EEE0GS220SR
✽✽
(1)
2000
33
4
5.4
B
260.35
1000
EEE0GA330SR
(1)
2000
47
4
5.4
B
340.35
1000
EEE0GA470SR
(1)
2000
100
5
5.4
C
61
0.35
1000
EEE0GA101SR
(1)
1000
220
6.3
5.4
D
820.35
1000
EEE0GA221SP
(1)
1000
330
6.3
5.4
(D)80
0.50
1000
EEE0GA331WP
(1)
1000
470
6.3
7.7
D8
200
0.35
1000
EEE0GA471XP
(1)
900
6.3
22
35.4
(A)
20
0.35
1000
EEE0JS220WR
✽✽
(1)
2000
45.4
B
29
0.26
2000
EEE0JA220SR
(1)
2000
33
4
5.4
(B)
220.35
1000
EEE0JA330WR
(1)
2000
47
45.4
(B)
36
0.35
1000
EEE0JA470WR
(1)
2000
55.4
C
46
0.26
2000
EEE0JA470SR
(1)
1000
100
55.4
(C)
47
0.35
1000
EEE0JA101WR
(1)
1000
6.3
5.4
D
71
0.26
2000
EEE0JA101SP
(1)
1000
220
6.3
5.4
(D)74
0.35
1000
EEE0JA221WP
(1)
1000
330
6.3
7.7
D8
1880.26
2000
EEE0JA331XP
(1)
900
86.2
E
300
0.35
2000
EEE0JA331P
(2)
1000
470
8
10.2
F
3800.35
2000
EEE0JA471P
(2)
500
1000
810.2
(F)
5000.35
2000
EEE0JA102UP
(2)
500
10
10.2
G
700
0.35
2000
EEE0JA102P
(2)
500
1500
10
10.2
G
750
0.35
2000
EEE0JA152P
(2)
500
10
22
4
5.4
(B)
280.30
1000
EEE1AA220WR
(1)
2000
33
45.4
(B)
29
0.30
1000
EEE1AA330WR
(1)
2000
55.4
C
43
0.20
2000
EEE1AA330SR
(1)
1000
47
5
5.4
(C)
430.30
1000
EEE1AA470WR
(1)
1000
100
55.4
(C)
50
0.30
1000
EEE1AA101WR
(1)
1000
6.3
5.4
D
70
0.26
2000
EEE1AA101SP
(1)
1000
220
6.3
7.7
D8
1730.20
2000
EEE1AA221XP
(1)
900
86.2
E
250
0.26
2000
EEE1AA221P
(2)
1000
330
8
10.2
F
3900.26
2000
EEE1AA331P
(2)
500
470
810.2
(F)
3900.26
2000
EEE1AA471UP
(2)
500
10
10.2
G
400
0.26
2000
EEE1AA471P
(2)
500
1000
10
10.2
G
580
0.26
2000
EEE1AA102P
(2)
500
16
10
35.4
A
20
0.18
1000
EEE1CS100SR
✽✽
(1)
2000
45.4
B
28
0.16
2000
EEE1CA100SR
(1)
2000
22
45.4
(B)
28
0.26
1000
EEE1CA220WR
(1)
2000
55.4
C
39
0.16
2000
EEE1CA220SR
(1)
1000
33
5
5.4
(C)
350.26
1000
EEE1CA330WR
(1)
1000
47
55.4
(C)
39
0.26
1000
EEE1CA470WR
(1)
1000
6.3
5.4
D
70
0.16
2000
EEE1CA470SP
(1)
1000
100
6.3
5.4
(D)
700.26
1000
EEE1CA101WP
(1)
1000
86.2
E
200
0.20
2000
EEE1CA101P
(2)
1000
220
6.3
7.7
D8
1620.16
2000
EEE1CA221XP
(1)
900
810.2
F
280
0.20
2000
EEE1CA221P
(2)
500
330
810.2
(F)
3200.20
2000
EEE1CA331UP
(2)
500
10
10.2
G
380
0.20
2000
EEE1CA331P
(2)
500
470
810.2
(F)
3500.20
2000
EEE1CA471UP
(2)
500
10
10.2
G
420
0.20
2000
EEE1CA471P
(2)
500
✽ Size code( ):Miniaturization product
✽✽ Dia.3mm is not recommended for new design. Please consider Dia.4mm.(Available upon request)
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Endurance : 85 °C 2000 h
00 Nov. 2012


Similar Part No. - EEE0JA102P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE0JA102P PANASONIC-EEE0JA102P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0JA102P PANASONIC-EEE0JA102P Datasheet
277Kb / 5P
   Surface Mount Type
EEE0JA102P PANASONIC-EEE0JA102P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0JA102P PANASONIC-EEE0JA102P Datasheet
277Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0JA102P PANASONIC-EEE0JA102P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results

Similar Description - EEE0JA102P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-1HA010SR PANASONIC-EEE-1HA010SR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1EA331UAP PANASONIC-EEE-1EA331UAP Datasheet
91Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1ES4R7SR PANASONIC-EEE-1ES4R7SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA100WAR PANASONIC-EEE-1HA100WAR Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA221P PANASONIC-EEE-1HA221P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1CA470SP PANASONIC-EEE-1CA470SP Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-2AA220P PANASONIC-EEE-2AA220P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GS220SR PANASONIC-EEE0GS220SR_13 Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors S
logo
List of Unclassifed Man...
EEE-1CA471P ETC2-EEE-1CA471P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Pacific Silicon Sensor,...
EEE-0JA470WR PACIFIC-EEE-0JA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Panasonic Semiconductor
EEE-1CA470WR PANASONIC-EEE-1CA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com