Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEHZA1H220P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEHZA1H220P
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEHZA1H220P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEHZA1H220P Datasheet HTML 1Page - Panasonic Semiconductor EEHZA1H220P Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
– EEE-2 –
Capacitance (μF)
Rated Voltage Mark
Series identification
Lot number
Negative polarity marking (–)
A±0.2
W
( ) Reference size
L
+
0.3 max.
Pressure Relief (
010 and larger)
Features
● Endurance: 10000 h at 105 °C
● Low ESR and High ripple current
(70 % over, Lower ESR than Current V-FP)
● High voltage (to 80 V)
● Equivalent to conductive polymer type Aluminum Electrolytic Capacitor
(There are little characteristics change by temperature and frequency)
● AEC-Q200 qualified
● RoHS directive compliant
Surface Mount Type
Series:
ZA Type: V
High temperature Lead-Free reflow
Specifications
Category Temp. Range
–55 °C to +105 °C
Rated W.V.Range
25 V.DC to 80 V.DC
Nominal Cap.Range
10 μF to 330 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (μA) After 2 minutes (whichever is greater)
tan
d
Please see the attached Standard Products list
Endurance
The capacitor shall be subjected to application of the D.C. voltage with full rated ripple current at +105 °C for 10000
hours. After stabilizing at room temperature(+15 to 35 °C), the capacitor shall not exceed the specified limits.
(The sum of DC voltage and ripple peak voltage shall not exceed the rated voltage.)
Capacitance change
±30 % of initial measured value
tan d
< 200 % of initial specified value
E. S. R.
< 200 % of initial specified value
DC leakage current
< initial specified value
ESR after Endurance
(
Ω/100 kHz) (–40 °C)
Size Code
CD
D8
F
G
2.0
1.4
0.8
0.4
0.3
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan d
< initial specified value
DC leakage current
< initial specified value
Dimensions in mm (not to scale)
Marking
Example:25 V 33 μF
Marking color : BLACK
Rated Voltage Mark
Frequency (Hz)
120
1 k
10 k
100 k to
Correction factor
0.10
0.30
0.60
1.00
Frequency correction factor for ripple current
Size
code
D
L
A, B
H
I
W
P
K
C
5.0
5.8±0.3
5.3 6.5 max. 2.2 0.65±0.1 1.5
0.35 - 0.20
D
6.3
5.8±0.3
6.6 7.8 max. 2.6 0.65±0.1 1.8
0.35 - 0.20
D8
6.3
7.7±0.3
6.6 7.8 max. 2.6 0.65±0.1 1.8
0.35 - 0.20
F
8.0 10.2±0.3
8.3 10.0 max. 3.4 0.90±0.2 3.1
0.70±0.2
G
10.0 10.2±0.3 10.3 12.0 max. 3.5 0.90±0.2 4.6
0.70±0.2
+ 0.15
+ 0.15
+ 0.15
E
25 V
V
35 V
H
50 V
J
63 V
K
80 V
(Unit : mm)
✽ This product qualify for AEC-Q200, but it has some deviations.
02 Mar. 2014


Similar Part No. - EEHZA1H220P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEHZA1H220P PANASONIC-EEHZA1H220P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEHZA1H220P PANASONIC-EEHZA1H220P Datasheet
60Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEHZA1H220P PANASONIC-EEHZA1H220P Datasheet
76Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZA
EEHZA1H220P PANASONIC-EEHZA1H220P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEHZA1H220P PANASONIC-EEHZA1H220P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
More results

Similar Description - EEHZA1H220P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEH-ZA1E560P PANASONIC-EEH-ZA1E560P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1H330XP PANASONIC-EEH-ZA1H330XP Datasheet
142Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors / ZA
EEHZA1E330R PANASONIC-EEHZA1E330R Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEE-1HSR33SR PANASONIC-EEE-1HSR33SR Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1V470P PANASONIC-EEH-ZA1V470P Datasheet
60Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1J220XP PANASONIC-EEH-ZA1J220XP Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1H100R PANASONIC-EEH-ZA1H100R Datasheet
76Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZA
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com