Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGF3NODCNET3 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EGF3NODCNET3
Description  CurrentWatch Current Sensors EGF Series Ground Fault Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EGF3NODCNET3 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  EGF3NODCNET3 Datasheet HTML 1Page - List of Unclassifed Manufacturers EGF3NODCNET3 Datasheet HTML 2Page - List of Unclassifed Manufacturers EGF3NODCNET3 Datasheet HTML 3Page - List of Unclassifed Manufacturers EGF3NODCNET3 Datasheet HTML 4Page - List of Unclassifed Manufacturers EGF3NODCNET3 Datasheet HTML 5Page - List of Unclassifed Manufacturers EGF3NODCNET3 Datasheet HTML 6Page - List of Unclassifed Manufacturers EGF3NODCNET3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
For more information visit: www.eaton.com
CA05311002E
CurrentWatch™ Current Sensors
August 2007
EGF Series Ground Fault Sensors
Specifications — CurrentWatch EGF Series
Description
Solid-State Output Models
Mechanical Relay Output Models
Power Supply
120V AC (55 – 110% of nominal voltage)
24V AC/DC (± 20%)
Output Contact Type
Isolated Dry Contact
Mechanical Relay
Output Rating
(Switching Current
and Switching
Voltage)
AC Output Switching Models: 1A @ 240V AC
DC Output Switching Models: 0.15A @ 30V DC
Auto Reset Models:
SPDT Relay
1A @ 120V AC
2A @ 30V DC
Latching Models:
SPST Relay
1A @ 120V AC
2A @ 30V DC
Off-State Leakage
N.O. Models: < 10 µA
N.C. Models: < 2.5 mA
None
Response Time
200 ms @ 5% above trip point
60 ms @ 50% above trip point
15 ms @ 500% above trip point
Frequency Range
50 – 400 Hz (monitored circuit)
Loading
2 VA max.
Isolation Voltage
5,000V AC (tested)
Sensing Aperture
0.74 in. (19 mm) dia.
LED Indicator
Green LED for Power On Status; Red LED for Contact Status
Housing
UL94 V0 Flammability Rated
Environmental
Operating Temperature: -4 to 122°F (-20 to 50°C)
Humidity: 0 – 95% RH, Non-condensing
Approvals
UL 1053, Class 1 Recognized, CE


Similar Part No. - EGF3NODCNET3

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGF30A ZOWIE-EGF30A Datasheet
64Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
EGF30A NJSEMI-EGF30A Datasheet
99Kb / 2P
   3 Amp. Glass Passivated Avalanche Ultrafast Recovery Eectifiet
logo
Zowie Technology Corpor...
EGF30AH ZOWIE-EGF30AH Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGF30B ZOWIE-EGF30B Datasheet
64Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGF30BH ZOWIE-EGF30BH Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results

Similar Description - EGF3NODCNET3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSLA1CD ETC1-CSLA1CD Datasheet
686Kb / 6P
   CURRENT SENSORS
logo
SEC Electronics Inc.
SIOLSV2 SECELECTRONICS-SIOLSV2 Datasheet
215Kb / 4P
   Current Sensors
SIOT1SV2M SECELECTRONICS-SIOT1SV2M Datasheet
174Kb / 6P
   Current Sensors
SICDS50V6 SECELECTRONICS-SICDS50V6 Datasheet
219Kb / 4P
   Current Sensors
SICDS100V6 SECELECTRONICS-SICDS100V6 Datasheet
220Kb / 4P
   Current Sensors
SIOPSV1 SECELECTRONICS-SIOPSV1 Datasheet
254Kb / 4P
   Current Sensors
SICF3SV2 SECELECTRONICS-SICF3SV2 Datasheet
281Kb / 4P
   Current Sensors
SIOY2SV2 SECELECTRONICS-SIOY2SV2 Datasheet
184Kb / 4P
   Current Sensors
SIOPSV1 SECELECTRONICS-SIOPSV1_13 Datasheet
268Kb / 5P
   Current Sensors
SIOY2SV2 SECELECTRONICS-SIOY2SV2_13 Datasheet
191Kb / 4P
   Current Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com