Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3483E Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM3483E
Description  3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3483E Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM3483E Datasheet HTML 4Page - Union Semiconductor, Inc. UM3483E Datasheet HTML 5Page - Union Semiconductor, Inc. UM3483E Datasheet HTML 6Page - Union Semiconductor, Inc. UM3483E Datasheet HTML 7Page - Union Semiconductor, Inc. UM3483E Datasheet HTML 8Page - Union Semiconductor, Inc. UM3483E Datasheet HTML 9Page - Union Semiconductor, Inc. UM3483E Datasheet HTML 10Page - Union Semiconductor, Inc. UM3483E Datasheet HTML 11Page - Union Semiconductor, Inc. UM3483E Datasheet HTML 12Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Union Semiconductor, Inc.
http://www.union-ic.com
Figure 9. Receiver Propagation Delay
Figure 10. Receiver Enable and Disable Times
Note 4: The input pulse is supplied by a generator with the following characteristics: PRR = 250kHz, 50% duty cycle, tr=6.0ns, ZO = 50Ù.
Note 5: CL includes probe and stray capacitance.
Function Tables
Devices with Receiver/Driver Enable
Table 1. Transmitting
Table 2. Receiving
UM3483E,UM3486E Datasheet Rev.0.1, Dec.2005
Page 8 of 12
INPUTS
OUTPUTS
/RE
DE
DI
B
A
MODE
X
1
1
0
1
Normal
X
1
0
1
0
Normal
0
0
X
High-Z
High-Z
Normal
1
0
X
High-Z
High-Z
Shutdown
INPUTS
OUTPUTS
/RE
DE
A, B
RO
MODE
0X
-0.05V
1
Normal
0X
-0.2V
0
Normal
0
X
Inputs Open
1
Normal
1
0
X
High-Z
Shutdown


Similar Part No. - UM3483E

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3483EEPA UNIONSEMI-UM3483EEPA Datasheet
945Kb / 18P
   3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
UM3483EESA UNIONSEMI-UM3483EESA Datasheet
945Kb / 18P
   3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
UM3483E UNIONSEMI-UM3483E_15 Datasheet
945Kb / 18P
   3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
More results

Similar Description - UM3483E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E_15 Datasheet
945Kb / 18P
   3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com