Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3302Q Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM3302Q
Description  2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3302Q Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM3302Q Datasheet HTML 1Page - Union Semiconductor, Inc. UM3302Q Datasheet HTML 2Page - Union Semiconductor, Inc. UM3302Q Datasheet HTML 3Page - Union Semiconductor, Inc. UM3302Q Datasheet HTML 4Page - Union Semiconductor, Inc. UM3302Q Datasheet HTML 5Page - Union Semiconductor, Inc. UM3302Q Datasheet HTML 6Page - Union Semiconductor, Inc. UM3302Q Datasheet HTML 7Page - Union Semiconductor, Inc. UM3302Q Datasheet HTML 8Page - Union Semiconductor, Inc. UM3302Q Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Sep.2013
4/13
UM3302H/UM3302Q
Electrical Characteristics (Note 1, 2)
Over recommended operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
VCCA
VCCB
TA=25
-40
to 85
Unit
Typ
Max
Min
Max
VOHA
IOH=-20μA
1.2V
1.1
V
1.4V to 3.6V
VCCA-0.4
VOLA
IOL=20μA
1.2V
0.9
V
1.4V to 3.6V
0.4
VOHB
IOH=-20μA
1.65V to 5.5V
VCCB-0.4
V
VOLB
IOL=20μA
1.65V to 5.5V
0.4
V
II
OE
VI=VCCI or GND
1.2V to 3.6V
1.65V to 5.5V
±1
±2
μA
Ioff
A Port
VI or VO=0 to
3.6V
0V
0V to 5.5V
±1
±2
μA
B Port
VI or VO=0 to
5.5V
0V to 3.6V
0V
±1
±2
IOZ
A or B
Port
OE=GND
1.2V to 3.6V
1.65V to 5.5V
±1
±2
μA
ICCA
VI=VCCI or GND
IO=0
1.2V
1.65V to 5.5V
0.06
μA
1.4V to 3.6V
1.65V to 5.5V
3
3.6V
0V
2
0V
5.5V
-2
ICCB
VI=VCCI or GND
IO=0
1.2V
1.65V to 5.5V
3.4
μA
1.4V to 3.6V
1.65V to 5.5V
5
3.6V
0V
-2
0V
5.5V
2
ICCA +ICCB
VI=VCCI or GND
IO=0
1.2V
1.65V to 5.5V
3.5
μA
1.4V to 3.6V
1.65V to 5.5V
8
ICCZA
VI=VCCI or GND
IO=0, OE=GND
1.2V
1.65V to 5.5V
0.05
μA
1.4V to 3.6V
1.65V to 5.5V
3
ICCZB
VI=VCCI or GND
IO=0, OE=GND
1.2V
1.65V to 5.5V
3.3
μA
1.4V to 3.6V
1.65V to 5.5V
5
Ci
OE
1.2V to 3.6V
1.65V to 5.5V
2.5
3
pF
CiO
A Port
1.2V to 3.6V
1.65V to 5.5V
5
6
pF
B Port
11
14
Note1. VCCI is the supply voltage associated with the input port.
Note2. VCCO is the supply voltage associated with the output port.


Similar Part No. - UM3302Q

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3302Q UNIONSEMI-UM3302Q Datasheet
377Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
More results

Similar Description - UM3302Q

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Global Mixed-mode Techn...
G2129 GMT-G2129 Datasheet
132Kb / 1P
   1-2-4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing and 짹15kV ESD Protection
logo
Texas Instruments
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102 Datasheet
425Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
logo
Texas Instruments
TXB0101 TI-TXB0101_11 Datasheet
899Kb / 23P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com