Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

481-0095M-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 481-0095M-GR
Description  Metric Hex Nut
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

481-0095M-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  481-0095M-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 481-0095M-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
DIMENSIONS: mm (in.)
Metric Hex Nut
481-0095M-GR
EPD-200701
Date Last Revised: 01-24-08
MATERIALS
Zinc and Clear Pass.
Brass
Finish:
Material:
2.0 (.079)
14.0
(.551)
Thread: øM10x.75
RoHS Compliant


Similar Part No. - 481-0095M-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
481-0095-GR ETC2-481-0095-GR Datasheet
76Kb / 2P
   Hex Nut
More results

Similar Description - 481-0095M-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
481-0095-GR ETC2-481-0095-GR Datasheet
76Kb / 2P
   Hex Nut
logo
Richco, Inc.
HN4-40-01 RICHCO-HN4-40-01 Datasheet
43Kb / 1P
   HEX NUT
logo
List of Unclassifed Man...
481-9575 ETC2-481-9575 Datasheet
128Kb / 2P
   Hex Nut
logo
Pomona Electronics
6441 POMONA-6441 Datasheet
17Kb / 1P
   Nut, Hex-32
6440 POMONA-6440 Datasheet
19Kb / 1P
   Nut, Hex 8-32
logo
E-SWITCH
K200297 E-SWITCH-K200297 Datasheet
133Kb / 1P
   ONE HEX MOUNTING NUT SUPPLIED PER SWITCH
logo
TE Connectivity Ltd
C-2213466 TEC-C-2213466 Datasheet
100Kb / 1P
   PANEL MOUNT, HEX NUT NECTOR 3 POS
logo
E-SWITCH
K200296 E-SWITCH-K200296 Datasheet
131Kb / 1P
   ONE HEX MOUNTING NUT SUPPLIED PER SWITCH
logo
NTE Electronics
72-037 NTE-72-037 Datasheet
68Kb / 1P
   4mm Panel Socket, 4.8mm Tab, Hex Nut
logo
List of Unclassifed Man...
36962 ETC2-36962 Datasheet
350Kb / 1P
   Metric Ball End Hex Keys Black Finish
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com