Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3211P Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM3211P
Description  Bidirectional voltage level translator for open-drain and push-pull applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3211P Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM3211P Datasheet HTML 2Page - Union Semiconductor, Inc. UM3211P Datasheet HTML 3Page - Union Semiconductor, Inc. UM3211P Datasheet HTML 4Page - Union Semiconductor, Inc. UM3211P Datasheet HTML 5Page - Union Semiconductor, Inc. UM3211P Datasheet HTML 6Page - Union Semiconductor, Inc. UM3211P Datasheet HTML 7Page - Union Semiconductor, Inc. UM3211P Datasheet HTML 8Page - Union Semiconductor, Inc. UM3211P Datasheet HTML 9Page - Union Semiconductor, Inc. UM3211P Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.01 Dec.2013
9/10
UM3211P
Package Information
UM3211P SOT363
Outline Drawing
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.036
0.039
b
0.100
0.350
0.004
0.014
c
0.080
0.220
0.003
0.009
D
1.800
2.200
0.071
0.087
E
1.150
1.350
0.045
0.053
E1
2.000
2.450
0.079
0.096
e
0.650REF
0.026REF
e1
1.200
1.400
0.047
0.055
L
0.525REF
0.021REF
L1
0.260
0.460
0.010
0.018
θ
Land Pattern
NOTES:
1. Compound dimension: 2.10×1.25;
2. Unit: mm;
3.General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation
UA3


Similar Part No. - UM3211P

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UM3210 DOINGTER-UM3210 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212 Datasheet
397Kb / 11P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
UM3212DA UNIONSEMI-UM3212DA Datasheet
397Kb / 11P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
UM3212DA UNIONSEMI-UM3212DA Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
UM3212M8 UNIONSEMI-UM3212M8 Datasheet
397Kb / 11P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
More results

Similar Description - UM3211P

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com