Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3208 Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM3208
Description  8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3208 Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM3208 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3208 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3208 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3208 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3208 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3208 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3208 Datasheet HTML 9Page - Union Semiconductor, Inc. UM3208 Datasheet HTML 10Page - Union Semiconductor, Inc. UM3208 Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.01 Jan.2011
7/11
UM3208
Switching Characteristics
Over recommended operating free-air temperature range, VCCA= 3.3V±0.3V (unless otherwise noted)
VCCB=3.3V
±
0.3V
VCCB=5V±
0.5V
Paramete
r
From
(Input)
To
(Output)
Test Conditions
Min Max
Min Max
Unit
Push-pull
2.4
3.1
tPHL
Open-drain
1.2
4.2
1.4
4.6
Push-pull
4.2
4.4
tPLH
A
B
Open-drain
36
204
28
165
ns
Push-pull
2.5
3.3
tPHL
Open-drain
1
124
1
97
Push-pull
2.5
2.6
tPLH
B
A
Open-drain
3
139
3
105
ns
A
200
200
ten
OE
B
200
200
ns
A
40
35
tdis
OE
B
40
35
ns
Push-pull
2.3
5.6 1.9
4.8
trA
A port rise time
Open-drain
25
116 19
85
ns
Push-pull
2.5
6.4 2.1
7.4
trB
B port rise time
Open-drain
26
116 14
72
ns
Push-pull
2
5.4
1.9
5
tfA
A port fall time
Open-drain
4.3
6.1 4.2
5.7
ns
Push-pull
2.3
7.4 2.4
7.6
tfB
B port fall time
Open-drain
5
7.6 4.8
8.3
ns
tSK(O)
Channel-to-channel
1
1
ns
Push-pull
24
24
Max data
rate
Open-drain
2
2
Mbps
.


Similar Part No. - UM3208

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UM3208 DOINGTER-UM3208 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UM3208

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202_16 Datasheet
363Kb / 15P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Texas Instruments
TXS0108E TI-TXS0108E_10 Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E_101 TI-TXS0108E_101 Datasheet
677Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Nexperia B.V. All right...
LSF0108-Q100 NEXPERIA-LSF0108-Q100 Datasheet
215Kb / 12P
   8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 30 July 2020
LSF0108 NEXPERIA-LSF0108 Datasheet
204Kb / 12P
   8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 18 September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com