Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3204H Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM3204H
Description  4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3204H Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM3204H Datasheet HTML 4Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 5Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 6Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 7Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 8Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 9Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 10Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 11Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 12Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.06 May.2012
8/13
UM3204
Applications Information
The UM3204 can be used in level-translation applications for interfacing devices or systems
operating at different interface voltages with one another. The UM3204 is ideal for use in
application where an open-drain driver is connected to the data I/Os. The UM3204 can also be
used in applications where a push-pull driver is connected to the data I/Os, but the UM3304 might
be a better option for such push-pull applications.
Block Diagram
The UM3204 (block diagram see Figure 1) does not require a direction-control signal to control
the direction of data flow from A to B or from B to A. Each A-port I/O has an internal 10-kΩ
pull-up resistor to VCCA, and each B-port I/O has an internal 10-kΩ pull-up resistor to VCCB.
During a rising edge, the one-shot turns on the PMOS transistors (PU1, PU2) for a short duration,
which speeds up the low-to-high transition.
Figure 1 Block Diagram of UM3204 I/O Cell
Input Driver Requirements
The fall time (tfA, tfB) of a signal depends on the output impedance of the external device driving
the data I/Os of the UM3204. Similarly, the tPHL and the maximum date rates also depend on the
output impedance of the external driver. The values for tfA, tfB, tPHL, and the maximum date rates in
the data sheet assume that the output impedance of the external driver is less than 50Ω.
Power Up
During operation, ensure that VCCA≤VCCB at all times. During power-up sequencing, VCCA≥ VCCB
does not damage the device, so any power supply can be ramped up first.
Enable and Disable
The UM3204 has an OE input that is used to disable the device by setting OE = low, which places
all I/Os in the high-impedance (Hi-Z) state. The disable time (tdis) indicates the delay between the
time when OE goes low and when the outputs actually get disabled (Hi-Z). The enable time (ten)
indicates the amount of time the user must allow for the one-shot circuitry to become operational
after OE is taken high.


Similar Part No. - UM3204H

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3204H UNIONSEMI-UM3204H Datasheet
366Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3204H

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202_16 Datasheet
363Kb / 15P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
   8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0104E-Q1 TI1-TXS0104E-Q1 Datasheet
853Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com