Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEETG1K330P Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEETG1K330P
Description  Aluminum Electrolytic Capacitors/ TG
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEETG1K330P Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEETG1K330P Datasheet HTML 1Page - Panasonic Semiconductor EEETG1K330P Datasheet HTML 2Page - Panasonic Semiconductor EEETG1K330P Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ TG
– EEE-52 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+125 °C)
ESR
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
50
10
8
6.2
E
80
1.60
0.14
EEETG1H100P
(2)
1000
22
8
6.2
E
80
1.60
0.14
EEETG1H220P
(2)
1000
33
86.2
(E)
80
1.60
0.14
EEETG1H330UP
(2)
1000
810.2F
133
0.75
0.14
EEETG1H330P
(2)
500
47
810.2
(F)
133
0.75
0.14
EEETG1H470UP
(2)
500
10
10.2
G
221
0.50
0.14
EEETG1H470P
(2)
500
100
10
10.2
(G)
221
0.50
0.14
EEETG1H101UP
(2)
500
220
12.5
13.5
H13
600
0.23
0.14
EEVTG1H221Q
(3)
200
330
12.5
13.5
H13
600
0.23
0.14
EEVTG1H331Q
(3)
200
470
16
16.5
J16
900
0.150.14
EEVTG1H471M
(3)
125
680
16
16.5
(J16)
900
0.15
0.14
EEVTG1H681UM
(3)
125
18
16.5
K16
950
0.14
0.14
EEVTG1H681M
(3)
125
1000
18
16.5
K16
950
0.14
0.14
EEVTG1H102M
(3)
125
63
10
8
6.2
E
55
2.20
0.12
EEETG1J100P
(2)
1000
22
8
10.2F
100
1.00
0.12
EEETG1J220P
(2)
500
33
810.2
(F)
1001.00
0.12
EEETG1J330UP
(2)
500
10
10.2
G
150
0.80
0.12
EEETG1J330P
(2)
500
47
810.2
(F)
1001.00
0.12
EEETG1J470UP
(2)
500
10
10.2
G
150
0.80
0.12
EEETG1J470P
(2)
500
100
10
10.2
(G)
150
0.80
0.12
EEETG1J101UP
(2)
500
12.5
13.5
H13
350
0.26
0.12
EEVTG1J101Q
(3)
200
220
12.5
13.5
H13
350
0.26
0.12
EEVTG1J221Q
(3)
200
330
16
16.5
J16
500
0.180.12
EEVTG1J331M
(3)
125
470
16
16.5
J16
500
0.180.12
EEVTG1J471M
(3)
125
80
10
8
10.2F
70
1.30
0.12
EEETG1K100P
(2)
500
22
810.2
(F)
70
1.30
0.12
EEETG1K220UP
(2)
500
10
10.2
G
90
1.00
0.12
EEETG1K220P
(2)
500
33
810.2
(F)
70
1.30
0.12
EEETG1K330UP
(2)
500
10
10.2
G
90
1.00
0.12
EEETG1K330P
(2)
500
47
10
10.2
(G)
90
1.00
0.12
EEETG1K470UP
(2)
500
12.5
13.5
H13
250
0.42
0.12
EEVTG1K470Q
(3)
200
100
12.5
13.5
(H13)
250
0.42
0.12
EEVTG1K101UQ
(3)
200
16
16.5
J16
350
0.30
0.12
EEVTG1K101M
(3)
125
220
16
16.5
(J16)
350
0.30
0.12
EEVTG1K221UM
(3)
125
18
16.5
K16
400
0.28
0.12
EEVTG1K221M
(3)
125
330
16
16.5
(J16)
350
0.30
0.12
EEVTG1K331UM
(3)
125
18
16.5
K16
400
0.28
0.12
EEVTG1K331M
(3)
125
470
18
16.5
K16
400
0.28
0.12
EEVTG1K471M
(3)
125
100
10
8
10.2F
70
1.30
0.10
EEETG2A100P
(2)
500
22
810.2
(F)
70
1.30
0.10
EEETG2A220UP
(2)
500
10
10.2
G
90
1.00
0.10
EEETG2A220P
(2)
500
33
10
10.2
G
90
1.00
0.10
EEETG2A330P
(2)
500
47
12.5
13.5
H13250
0.42
0.10
EEVTG2A470Q
(3)
200
100
16
16.5
J16
350
0.30
0.10
EEVTG2A101M
(3)
125
220
18
16.5
K16
400
0.28
0.10
EEVTG2A221M
(3)
125
330
18
16.5
K16
400
0.28
0.10
EEVTG2A331M
(3)
125
✽Size code( ):Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P, Q, or M”
Endurance : 125 °C 1000 h (
φ8 10.2 < : 2000 h)
00 Nov. 2012


Similar Part No. - EEETG1K330P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEETG1K330P PANASONIC-EEETG1K330P Datasheet
92Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEETG1K330P PANASONIC-EEETG1K330P Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEETG1K330P PANASONIC-EEETG1K330P Datasheet
96Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEETG1K330P PANASONIC-EEETG1K330P Datasheet
68Kb / 3P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEETG1K330P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-TG1E101UP PANASONIC-EEE-TG1E101UP Datasheet
211Kb / 4P
   Aluminum Electrolytic Capacitors/ TG
EEE-TG1J101UP PANASONIC-EEE-TG1J101UP Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEE-TG1H101UP PANASONIC-EEE-TG1H101UP Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEV-TG1H331Q PANASONIC-EEV-TG1H331Q Datasheet
96Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEETG2A220UP PANASONIC-EEETG2A220UP Datasheet
92Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEV-TG1E102UM PANASONIC-EEV-TG1E102UM Datasheet
96Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEE-TG1A331UP PANASONIC-EEE-TG1A331UP Datasheet
96Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEVTG PANASONIC-EEVTG Datasheet
73Kb / 5P
   Aluminum Electrolytic Capacitor/TG
logo
RFE international
TG470M1ATR050120 RFE-TG470M1ATR050120 Datasheet
117Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS TG Series: Axial High Temperature
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com