Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2268 Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM2268
Description  0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM2268 Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM2268 Datasheet HTML 1Page - Union Semiconductor, Inc. UM2268 Datasheet HTML 2Page - Union Semiconductor, Inc. UM2268 Datasheet HTML 3Page - Union Semiconductor, Inc. UM2268 Datasheet HTML 4Page - Union Semiconductor, Inc. UM2268 Datasheet HTML 5Page - Union Semiconductor, Inc. UM2268 Datasheet HTML 6Page - Union Semiconductor, Inc. UM2268 Datasheet HTML 7Page - Union Semiconductor, Inc. UM2268 Datasheet HTML 8Page - Union Semiconductor, Inc. UM2268 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Feb.2014
1/11
UM2268/UM2268A
0.4Ω Ultra Low ON-Resistance, Dual, SPDT Analog Switch
UM2268 QFN10 1.8×1.4
UM2268A QFN10 2.1×1.6
General Description
The UM2268/UM2268A is a dual, low-power single-pole/ double-throw (SPDT) analog switch that
operates from a single +1.8V to +4.4V supply.
The UM2268/UM2268A features guaranteed on-resistance matching (0.04Ω TYP) between
switches and guaranteed on resistance flatness over the signal range (0.08Ω TYP), as well as high
off-isolation and low crosstalk. This ensures excellent linearity and low distortion when switching
audio signals.
The UM2268 is available in Pb-free QFN10 package (1.8mm×1.4mm×0.55mm), while the
UM2268A is available in Pb-free QFN10 package (2.1mm×1.6mm×0.55mm).
Applications
Features
Portable Instrumentation
Battery-Operated Equipment
Computer Peripherals
Speaker and Earphone Switching
Medical Equipment
Audio and Video Switching
VCC Operating Range: +1.8V to +4.4V
Low On-Resistance: 0.4Ω(TYP) at +4.4V
On-Resistance Matching: (0.04Ω TYP)
On-Resistance Flatness: (0.08Ω TYP)
-3dB Bandwidth:80MHz
Low Off-Isolation: -78dB (100kHz)
Low Crosstalk: -93dB (100kHz)
TTL/CMOS Compatible
Break-Before-Make Switching
Rail-to-Rail Input and Output Operation
Lead (Pb) Free QFN10 Package
Pin Configurations
Top View
1
2
3
4
5
6
7
8
9
10
NC2
NO1
NC1
V+
COM1
IN1
IN2
COM2
GND
NO2
M: Month Code
UM2268
QFN10 1.8×1.4


Similar Part No. - UM2268

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM2268A UNIONSEMI-UM2268A Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
More results

Similar Description - UM2268

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2268 SGMICRO-SGM2268 Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM5223 SGMICRO-SGM5223 Datasheet
423Kb / 10P
   0.5廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM5223 UNIONSEMI-UM5223 Datasheet
187Kb / 6P
   0.5廓 Ultra Low ON-Resistance Dual SPDT Analog Switch
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com