Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWH12272MV Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWH12272MV
Description  Metallized Polypropylene Film Capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH12272MV Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWH12272MV Datasheet HTML 1Page - Panasonic Semiconductor ECWH12272MV Datasheet HTML 2Page - Panasonic Semiconductor ECWH12272MV Datasheet HTML 3Page - Panasonic Semiconductor ECWH12272MV Datasheet HTML 4Page - Panasonic Semiconductor ECWH12272MV Datasheet HTML 5Page - Panasonic Semiconductor ECWH12272MV Datasheet HTML 6Page - Panasonic Semiconductor ECWH12272MV Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Metallized Polypropylene Film Capacitor
Type :
ECWH(V)
Plastic Film Capacitors
Designed for high frequency and pluse applications.
IFeatures
Low-loss and inherent tempereature rise
Excellent electrical characteristics
Flame-retardant epoxy resin coating
RoHS directive compliant
IRecommended Applications
TV, Monitors, Electronic ballast
IExplanation of Part Numbers
123456789
10
11
12
E
C
W
H
Product code
Dielectric &
construction
Rated vol.
Capacitance
V
Cap. Tol. Suffix
Suffix
8
800 VDC
10 1000 VDC
12 1250 VDC
16 1600 VDC
20 2000 VDC
H ±3 %
J
±5 %
GExplanation of Part Number for Odd Size Taping
E
C
W
H
Product code
Dielectric &
construction
Rated vol.
Capacitance
R
V
7.5 mm
Crimped
Cap. Tol. Suffix
ISpecifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor (tan )
Withstand voltage
Insulation resistance (IR)
– 40 ˚C to + 105 ˚C
800 VDC, 1000 VDC, 1250 VDC (1000 Vp-p), 1600 VDC (1200 Vp-p), 2000 VDC (1500 Vp-p)
(Derating of rated voltage by 1.25 %/˚C at more than 85 ˚C)
800 VDC, 1000 VDC,1250 VDC
1600 VDC
2000 VDC
0.0010 µF to 0.10 µF
0.0010 µF to 0.056 µF
0.0010 µF to 0.015 µF
±3 %(H), ±5 %(J)
tan <
=0.1 % (20 ˚C, 1 kHz), tan <
=0.2 % (20 ˚C, 10 kHz)
Between terminals:Rated volt. (VDC)150 % 60 s
Between terminals to enclosure:1500 VAC 60 s
IR>
=30000 M
Ω (20 ˚C, 500 VDC, 60 s)
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Suffix
Blank
B
Lead Form
Straight
Crimped lead


Similar Part No. - ECWH12272MV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH12273 PANASONIC-ECWH12273 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH12273 PANASONIC-ECWH12273 Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECWH12273V PANASONIC-ECWH12273V Datasheet
207Kb / 14P
   Metallized Polypropylene Film Capaitor
ECWH12273V PANASONIC-ECWH12273V Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
More results

Similar Description - ECWH12272MV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com