Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1360Y Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM1360Y
Description  Hysteretic Buck High Brightness LED Driver with Internal Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1360Y Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM1360Y Datasheet HTML 1Page - Union Semiconductor, Inc. UM1360Y Datasheet HTML 2Page - Union Semiconductor, Inc. UM1360Y Datasheet HTML 3Page - Union Semiconductor, Inc. UM1360Y Datasheet HTML 4Page - Union Semiconductor, Inc. UM1360Y Datasheet HTML 5Page - Union Semiconductor, Inc. UM1360Y Datasheet HTML 6Page - Union Semiconductor, Inc. UM1360Y Datasheet HTML 7Page - Union Semiconductor, Inc. UM1360Y Datasheet HTML 8Page - Union Semiconductor, Inc. UM1360Y Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Apr.2014
4/14
UM1360
Electrical Characteristics
(VIN= 16V, TA = 25°C, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
6
35
V
ILED
Output Current
RS=0.33Ω
303
mA
RS=0.1Ω
1000
IQ
Quiescent Current
without switching
VSET pin floating,
VIN= 16V
430
μA
ISD
Shutdown Current
VSET=GND, VIN=16V
35
70
μA
VSENSE
Mean current sense
threshold voltage
Measured on ISENSE pin
with respect to VIN
95
100
105
mV
VSENSE_HYS
Sense threshold
hysteresis
±15
%
ISENSE
ISENSE pin input
current
VSENSE=VIN-0.1
8
μA
VEN
VSET range on VSET
pin
For DC dimming
0.3
2.5
V
VENON
DC voltage on VSET
pin to enable
VEN rising
0.25
V
VENOFF
DC voltage on VSET
pin to disable
VEN falling
0.2
V
RLX
LX switch on
resistance
ILX=1000mA
0.4
Ω
ILX(leak)
LX switch leakage
current
5
μA
TSS
Soft start time
VIN=16V, CEN=1nF
860
μs
FLX
Operating frequency
VIN= 16V, L=47μH,
VOUT=9.6V(3 LEDs),
RS=0.1Ω
200
kHz
FLXmax
Recommended
maximum switch
frequency
1.0
MHz
Ton_rec
(Note 2)
Recommended
minimum
switch ON time
For 4% accuracy
500
ns
Max duty cycle
100
%
DLX
Recommended duty
cycle range
25
75
%
TPD
(Note 2)
Internal comparator
propagation delay
45
ns
TOTP
Over temperature
protection
150
°C
TOTP_HYS
Temperature
protection hysteresis
40
°C
IXLmax
Current limit
VIN=32V(6 LEDs)
1.2
A
Note 2: Parameters are not tested at production, but guaranteed by design.


Similar Part No. - UM1360Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1360Y UNIONSEMI-UM1360Y Datasheet
603Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
More results

Similar Description - UM1360Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1360 UNIONSEMI-UM1360_16 Datasheet
603Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com