Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

561-25018 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 561-25018
Description  Nylon Screw Insulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

561-25018 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  561-25018 Datasheet HTML 1Page - List of Unclassifed Manufacturers 561-25018 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specificationsaresubjecttochangewithoutnotice. Noliabilityorwarrantyimpliedbythisinformation. Environmentalcompliancebasedonproducerdocumentation.
L
A
B
DC
NylonScrewInsulators
561-10SC004003,561-04004,561-04006,561-04012, 561-06004,
561-06012,561-06018,561-06025,561-06050,561-08012,561-08025,
561-08037,561-08050,561-10014,561-10018,561-10025,561-10037,
561-10075,561-25012,561-25018,561-25025,561-25037,561-25050,
561-25075,561-31262
EPD-200680
Date Last Revised: 10/11/10
Screwinsulatorsmayalsobeusedaslightloadbearingsinmanyapplications.
561-10SC004003 SC4 0.031(±0.015) 0.235(±0.005) 0.047(±0.015) 0.145(±0.005) 0.115(±0.005)
561-04004
SC4 0.047(±0.015) 0.235(±0.005) 0.047(±0.015) 0.145(±0.005) 0.115(±0.005)
561-04006
SC4 0.063(±0.015) 0.235(±0.005) 0.047(±0.015) 0.145(±0.005) 0.115(±0.005)
561-04012
SC4 0.125(±0.015) 0.235(±0.005) 0.047(±0.015) 0.145(±0.005) 0.115(±0.005)
561-06004
SC6 0.047(±0.015) 0.290(±0.005) 0.047(±0.015) 0.170(±0.005) 0.140(±0.005)
561-06012
SC6 0.125(±0.015) 0.290(±0.005) 0.047(±0.015) 0.170(±0.005) 0.140(±0.005)
561-06018
SC6 0.188(±0.015) 0.290(±0.005) 0.047(±0.015) 0.170(±0.005) 0.140(±0.005)
561-06025
SC6 0.250(±0.015) 0.290(±0.005) 0.047(±0.015) 0.170(±0.005) 0.140(±0.005)
561-06050
SC6 0.500(±0.015) 0.290(±0.005) 0.047(±0.015) 0.170(±0.005) 0.140(±0.005)
561-08012
SC8 0.125(±0.015) 0.344(±0.005) 0.063(±0.015) 0.205(±0.005) 0.173(±0.005)
561-08025
SC8 0.250(±0.015) 0.344(±0.005) 0.063(±0.015) 0.205(±0.005) 0.173(±0.005)
561-08037
SC8 0.375(±0.015) 0.344(±0.005) 0.063(±0.015) 0.205(±0.005) 0.173(±0.005)
561-08050
SC8 0.500(±0.015) 0.344(±0.005) 0.063(±0.015) 0.205(±0.005) 0.173(±0.005)
561-10014
SC10 0.141(±0.015) 0.399(±0.005) 0.063(±0.015) 0.260(±0.005) 0.200(±0.005)
561-10018
SC10 0.188(±0.015) 0.399(±0.005) 0.063(±0.015) 0.260(±0.005) 0.200(±0.005)
561-10025
SC10 0.250(±0.015) 0.399(±0.005) 0.063(±0.015) 0.260(±0.005) 0.200(±0.005)
561-10037
SC10 0.375(±0.015) 0.399(±0.005) 0.063(±0.015) 0.260(±0.005) 0.200(±0.005)
561-10075
SC10 0.750(±0.015) 0.399(±0.005) 0.063(±0.015) 0.260(±0.005) 0.200(±0.005)
561-25012
SC250 0.125(±0.015) 0.513(±0.005) 0.063(±0.015) 0.312(±0.005) 0.260(±0.005)
561-25018
SC250 0.188(±0.015) 0.513(±0.005) 0.063(±0.015) 0.312(±0.005) 0.260(±0.005)
561-25025
SC250 0.250(±0.015) 0.513(±0.005) 0.063(±0.015) 0.312(±0.005) 0.260(±0.005)
561-25037
SC250 0.375(±0.015) 0.513(±0.005) 0.063(±0.015) 0.312(±0.005) 0.260(±0.005)
561-25050
SC250 0.500(±0.015) 0.513(±0.005) 0.063(±0.015) 0.312(±0.005) 0.260(±0.005)
561-25075
SC250 0.750(±0.015) 0.513(±0.005) 0.063(±0.015) 0.312(±0.005) 0.260(±0.005)
561-31262
SC312 0.625(±0.015) 0.620(±0.005) 0.063(±0.015) 0.360(±0.005) 0.320(±0.005)
PartNumber
A
B
CD
Description L
RoHSCompliant
SPECIFICATIONS
Nylon6/6
-40°Fto+185°F
Material:
ThermalTolerance:


Similar Part No. - 561-25018

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
561-2501-XXX DIALIGHT-561-2501-XXX Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
More results

Similar Description - 561-25018

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
MNI-6-2 RICHCO-MNI-6-2 Datasheet
76Kb / 1P
   MOLDED NYLON INSULATORS
logo
OEN India Limited
04-SM1X OENINDIA-04-SM1X Datasheet
43Kb / 1P
   Standard Nylon Screw Mounts
logo
List of Unclassifed Man...
IEC-TO-220V-18 ETC1-IEC-TO-220V-18 Datasheet
30Kb / 1P
   TEANSISTOR INSULATORS
IEC-TO-218 ETC2-IEC-TO-218 Datasheet
31Kb / 1P
   TRANSISTOR INSULATORS
501791 ETC2-501791 Datasheet
1Mb / 13P
   TEST CLIPS INSULATORS
logo
Laird Tech Smart Techno...
TNC-4 LSTD-TNC-4 Datasheet
750Kb / 3P
   Thermally Conductive Insulators
logo
List of Unclassifed Man...
A10113-81 ETC2-A10113-81 Datasheet
225Kb / 2P
   Thermally Conductive Insulators
4665 ETC2-4665 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
BU-P2240-0 ETC2-BU-P2240-0 Datasheet
650Kb / 1P
   ALLIGATOR CLIPS AND INSULATORS
logo
Trifast plc
TRNSE-1207-XX TRFASTENINGS-TRNSE-1207-XX Datasheet
165Kb / 1P
   NYLON METRIC SCREW CHEESE HEAD SLOT
Rev. B 18/06/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com