Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEFK2A330P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEFK2A330P
Description  Aluminum Electrolytic Capacitors/ FK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK2A330P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEFK2A330P Datasheet HTML 1Page - Panasonic Semiconductor EEEFK2A330P Datasheet HTML 2Page - Panasonic Semiconductor EEEFK2A330P Datasheet HTML 3Page - Panasonic Semiconductor EEEFK2A330P Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FK
– EE64 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
Impedance
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
6.3
22
4
5.8
B
90
1.35
0.26
EEEFK0J220R
(1)
2000
47
45.8
(B)
90
1.35
0.26
EEEFK0J470UR
(1)
2000
55.8
C
160
0.70
0.26
EEEFK0J470R
(1)
1000
100
55.8
(C)
160
0.70
0.26
EEEFK0J101UR
(1)
1000
6.3
5.8
D
240
0.36
0.26
EEEFK0J101P
(1)
1000
220
6.3
5.8
D
2400.36
0.26
EEEFK0J221P
(1)
1000
330
6.3
7.7
D8
280
0.34
0.26
EEEFK0J331XP
(1)
900
86.2
E
300
0.26
0.26
EEEFK0J331P
(2)
1000
470
8
10.2
F
600
0.16
0.26
EEEFK0J471P
(2)
500
1000
8
10.2
F
600
0.16
0.26
EEEFK0J102P
(2)
500
1500
10
10.2
G
850
0.08
0.26
EEEFK0J152P
(2)
500
3300
12.5
13.5
H13
1100
0.06
0.30
EEVFK0J332Q
(3)
200
6800
16
16.5
J16
1800
0.035
0.36
EEVFK0J682M
(3)
125
10
22
4
5.8
B
90
1.35
0.19
EEEFK1A220R
(1)
2000
33
45.8
(B)
90
1.35
0.19
EEEFK1A330UR
(1)
2000
55.8
C
160
0.70
0.19
EEEFK1A330R
(1)
1000
150
6.3
5.8
D
2400.36
0.19
EEEFK1A151P
(1)
1000
220
6.3
7.7
D8
280
0.34
0.19
EEEFK1A221XP
(1)
900
86.2
E
300
0.26
0.19
EEEFK1A221P
(2)
1000
330
8
10.2
F
600
0.16
0.19
EEEFK1A331P
(2)
500
470
8
10.2
F
600
0.16
0.19
EEEFK1A471P
(2)
500
680
8
10.2
F
600
0.16
0.19
EEEFK1A681P
(2)
500
1000
10
10.2
G
850
0.08
0.19
EEEFK1A102P
(2)
500
2200
12.5
13.5
H13
1100
0.06
0.21
EEVFK1A222Q
(3)
200
4700
16
16.5
J16
1800
0.035
0.25
EEVFK1A472M
(3)
125
6800
18
16.5
K16
2060
0.033
0.29
EEVFK1A682M
(3)
125
16
10
4
5.8
B
90
1.35
0.16
EEEFK1C100R
(1)
2000
22
45.8
(B)
90
1.35
0.16
EEEFK1C220UR
(1)
2000
55.8
C
160
0.70
0.16
EEEFK1C220R
(1)
1000
47
55.8
(C)
160
0.70
0.16
EEEFK1C470UR
(1)
1000
6.3
5.8
D
240
0.36
0.16
EEEFK1C470P
(1)
1000
68
6.3
5.8
D
240
0.36
0.16
EEEFK1C680P
(1)
1000
100
6.3
5.8
D
2400.36
0.16
EEEFK1C101P
(1)
1000
150
6.3
7.7
D8
280
0.34
0.16
EEEFK1C151XP
(1)
900
220
6.3
7.7
D8
280
0.34
0.16
EEEFK1C221XP
(1)
900
86.2
E
300
0.26
0.16
EEEFK1C221P
(2)
1000
330
8
10.2
F
600
0.16
0.16
EEEFK1C331P
(2)
500
470
8
10.2
F
600
0.16
0.16
EEEFK1C471P
(2)
500
680
10
10.2
G
850
0.08
0.16
EEEFK1C681P
(2)
500
1500
12.5
13.5
H13
1100
0.06
0.16
EEVFK1C152Q
(3)
200
3300
16
16.5
J16
1800
0.035
0.20
EEVFK1C332M
(3)
125
4700
18
16.5
K16
2060
0.033
0.22
EEVFK1C472M
(3)
125
25
10
4
5.8
B
90
1.35
0.14
EEEFK1E100R
(1)
2000
22
5
5.8
C
160
0.70
0.14
EEEFK1E220R
(1)
1000
33
55.8
(C)
160
0.70
0.14
EEEFK1E330UR
(1)
1000
6.3
5.8
D
240
0.36
0.14
EEEFK1E330P
(1)
1000
47
6.3
5.8
D
240
0.36
0.14
EEEFK1E470P
(1)
1000
68
6.3
5.8
D
240
0.36
0.14
EEEFK1E680P
(1)
1000
100
6.3
7.7
D8
280
0.34
0.14
EEEFK1E101XP
(1)
900
86.2
E
300
0.26
0.14
EEEFK1E101P
(2)
1000
150
8
10.2
F
600
0.16
0.14
EEEFK1E151P
(2)
500
220
8
10.2
F
600
0.16
0.14
EEEFK1E221P
(2)
500
330
8
10.2
F
600
0.16
0.14
EEEFK1E331P
(2)
500
470
10
10.2
G
850
0.08
0.14
EEEFK1E471P
(2)
500
1000
12.5
13.5
H13
1100
0.06
0.14
EEVFK1E102Q
(3)
200
1500
16
16.5
J16
1800
0.035
0.14
EEVFK1E152M
(3)
125
2200
16
16.5
J16
1800
0.035
0.16
EEVFK1E222M
(3)
125
3300
18
16.5
K16
2060
0.033
0.18
EEVFK1E332M
(3)
125
✽ Size code( ):Miniaturization product
The taping dimensions are explained on EE188 of our Catalog.
Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-8) listed on EE186 of our Catalog.
Endurance : 105 °C 2000 h (
> φ12.5 : 5000 h)
Sep. 2010
00


Similar Part No. - EEEFK2A330P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK2A330P PANASONIC-EEEFK2A330P Datasheet
117Kb / 6P
   ALUMINUM ELEECTROLYTIC CAPACITORS/FK
EEEFK2A330P PANASONIC-EEEFK2A330P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK2A330P PANASONIC-EEEFK2A330P Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK2A330P PANASONIC-EEEFK2A330P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK2A330P PANASONIC-EEEFK2A330P Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results

Similar Description - EEEFK2A330P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEV-FK1J221Q PANASONIC-EEV-FK1J221Q Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1V151AP PANASONIC-EEE-FK1V151AP Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C681P PANASONIC-EEE-FK1C681P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E330P PANASONIC-EEE-FK1E330P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C471GP PANASONIC-EEE-FK1C471GP Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C220AR PANASONIC-EEE-FK1C220AR Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com