Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

561-AC004 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 561-AC004
Description  Nylon Arrow Clips
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

561-AC004 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  561-AC004 Datasheet HTML 1Page - List of Unclassifed Manufacturers 561-AC004 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
561-AC001
AC 1
0.360
0.060
0.400
0.225
.182 / .192
.062 / .125
561-AC002
AC 2
0.270
0.060
0.395
0.160
.131 / .135
.062 / .125
561-AC003
AC 3
0.280
0.040
0.390
0.196
.151 / .161
.062 / .125
561-AC004
AC 4
0.280
0.080
0.400
0.180
.151 / .161
.062 / .145
561-AC005
AC 5
0.370
0.060
0.540
0.248
.213 / .223
.125 / .187
561-AC006
AC 6
0.370
0.060
0.540
0.225
.182 / .192
.310 / .330
561-AC007
AC 7
0.370
0.060
0.450
0.227
.213 / .223
.062 / .125
561-AC009
AC 9
0.484
0.060
0.575
0.290
.250 / .260
.125 / .187
561-AC010
AC 10
0.100
0.020
0.125
0.068
.062 / .065
.010 / .031
561-AC011
AC 11
0.375
0.060
0.525
0.206
.182 / .192
.165 / .185
561-AC012
AC 12
0.370
0.060
0.350
0.225
.195 / .200
.035 / .065
561-AC013
AC 13
0.270
0.070
0.310
0.162
.130 / .132
.125 / .140
561-AC014
AC 14
0.270
0.070
0.530
0.196
.145 / .150
.290 / .300
561-AC016
AC 16
0.615
0.065
0.810
0.286
.250 / .260
.360 / .380
561-AC017
AC 17
0.683
0.070
0.900
0.375
.320 / .335
.062 / .340
561-AC018
AC 18
0.280
0.080
0.400
0.186
.160 / .165
.032 / .125
561-AC020
AC 20
0.270
0.040
0.330
0.140
.120 / .135
.062 / .125
561-AC021
AC 21
0.500
0.050
0.630
0.280
.250 / .260
.125 / .250
561-AC023
AC 23
0.866
0.050
0.450
0.363
.335 / .345
.062 / .140
561-AC024
AC 24
0.610
0.068
1.135
0.287
.250 / .260
.500 / .750
Nylon Arrow Clips
561-AC001, 561-AC002, 561-AC003, 561-AC004, 561-
AC005, 561-AC006, 561-AC007, 561-AC009, 561-AC010,
561-AC011, 561-AC012, 561-AC013, 561-AC014, 561-
AC016, 561-AC017, 561-AC018, 561-AC020, 561-AC021,
561-AC023, 561-AC024
EPD-200810
Last Revised: 12/02/09
Dimensions: in.
B
C
A
D
EPD Arrow Clips are reusable, molded nylon fasteners that feature an inexpensive fast method to hand assemble metal, wood, plastic, composition,
or other thin gauge materials. The specially designed body compresses as it is forced through a prepunched hole and springs back to its original
shape to lock the assembled parts securely. The versatile clips can be disassembled and reused again and again. They provide an economical,
electrical, insulating, vibration, abrasion, and corrosion resistant connection.
• Molded in Natural Nylon 6/6
• RoHS Compliant
Item
Number
Description
Head Diameter
D
Head Height
A
Length
B
Clip Diameter
C
Hole Size
Panel Thickness
Range
*
*
*
Flat Headstyle


Similar Part No. - 561-AC004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-A0125 ETC2-561-A0125 Datasheet
74Kb / 2P
   PC Board Posts
561-A0250 ETC2-561-A0250 Datasheet
74Kb / 2P
   PC Board Posts
561-A0312 ETC2-561-A0312 Datasheet
74Kb / 2P
   PC Board Posts
561-A0375 ETC2-561-A0375 Datasheet
74Kb / 2P
   PC Board Posts
561-A0500 ETC2-561-A0500 Datasheet
74Kb / 2P
   PC Board Posts
More results

Similar Description - 561-AC004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N4NY-002-9-CMC ETC1-N4NY-002-9-CMC Datasheet
184Kb / 2P
   P-Clips, Nylon Cable Clamping Clips
561-Y125093 ETC2-561-Y125093 Datasheet
83Kb / 2P
   Nylon Key-Hole Clips
561-DP13037 ETC2-561-DP13037 Datasheet
204Kb / 2P
   Adhesive Backed Nylon Cable Clips
logo
Heyco.
F8902 HEYCO-F8902 Datasheet
201Kb / 1P
   Heyco® Nylon Corrugated Conduit/Tubing Mounting Clips
logo
BetLux Electronics
BL-AT5Z3044 BETLUX-BL-AT5Z3044 Datasheet
216Kb / 5P
   ARROW DISPLAY,30*44mm
logo
List of Unclassifed Man...
UC-0 ETC2-UC-0 Datasheet
98Kb / 1P
   P-Clips
logo
BetLux Electronics
BL-AT5Z3056 BETLUX-BL-AT5Z3056 Datasheet
69Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z2546 BETLUX-BL-AT1Z2546 Datasheet
65Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
logo
Bel Fuse Inc.
FC101 BEL-FC101 Datasheet
47Kb / 1P
   Fuse Clips
logo
Pepperl+Fuchs Inc.
LB9230B PF-LB9230B Datasheet
220Kb / 2P
   Retaining clips
2022-01-28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com