Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

835-IF60.0M-19B Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 835-IF60.0M-19B
Description  60.0MHz IF SAW Filter 19.50 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

835-IF60.0M-19B Datasheet(HTML) 3 Page - Oscilent Corporation

  835-IF60.0M-19B Datasheet HTML 1Page - Oscilent Corporation 835-IF60.0M-19B Datasheet HTML 2Page - Oscilent Corporation 835-IF60.0M-19B Datasheet HTML 3Page - Oscilent Corporation 835-IF60.0M-19B Datasheet HTML 4Page - Oscilent Corporation 835-IF60.0M-19B Datasheet HTML 5Page - Oscilent Corporation 835-IF60.0M-19B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilent Part Number
835-IF60.0M-19B
January 2011 Rev A
60.0MHz IF SAW Filter 19.50 MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-20
-
70
Storage Temperature Range
°C
-40
-
85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
59.90
60.0
60.10
Insertion Loss at Fo
dB
-
28.15
30.00
Group Delay Variation (Fo±9.22MHz)
ns
-
35
80
Absolute Delay Time at Fo
us
-
3.31
-
Temperature Coefficient
ppm/
°C
-
-72
-
Amplitude Ripple (Fo±9.22MHz)
dB
-
0.47
0.95
Bandwidth at -1dB
MHz
-
19.50
-
Bandwidth at -3dB
MHz
19.60
19.71
-
Bandwidth at -30dB
MHz
-
20.42
-
Bandwidth at -40dB
MHz
-
20.52
20.80
Ultimate Rejection
dB
50
55
-


Similar Part No. - 835-IF60.0M-19B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF60.0M-19A OSCILENT-835-IF60.0M-19A Datasheet
213Kb / 6P
   60.0MHz IF SAW Filter 19.25 MHz Bandwidth
More results

Similar Description - 835-IF60.0M-19B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA08719AD1 TRANSKO-TA08719AD1 Datasheet
596Kb / 4P
   87.50 MHz IF SAW Filter / 19.50 MHz Bandwidth
Revision 0: 29. Jun. 2011
TA06009AD TRANSKO-TA06009AD Datasheet
668Kb / 4P
   60.0MHz IF SAW Filter / 9.30MHz MHz Bandwidth
Revision 0: 18. Jan. 2012
logo
Oscilent Corporation
835-IF60.0M-19A OSCILENT-835-IF60.0M-19A Datasheet
213Kb / 6P
   60.0MHz IF SAW Filter 19.25 MHz Bandwidth
813-SL60.0M-10B OSCILENT-813-SL60.0M-10B Datasheet
459Kb / 6P
   60.0MHz IF SAW Filter 10.20MHz Bandwidth
813-SL60.0M-22A OSCILENT-813-SL60.0M-22A Datasheet
211Kb / 6P
   60.0MHz IF SAW Filter 22.37MHz Bandwidth
813-SL60.0M-11 OSCILENT-813-SL60.0M-11_14 Datasheet
233Kb / 6P
   60.0MHz IF SAW Filter 12.0MHz Bandwidth
813-SL60.0M-10 OSCILENT-813-SL60.0M-10 Datasheet
120Kb / 4P
   60.0MHz IF SAW Filter 23.55MHz Bandwidth
logo
Golledge Electronics Lt...
MP03407 GOLLEDGE-MP03407 Datasheet
125Kb / 7P
   SAW Filter 60.0MHz
logo
Oscilent Corporation
813-IF70.0M-14D OSCILENT-813-IF70.0M-14D Datasheet
217Kb / 6P
   70.0 MHz IF SAW Filter 14.90 MHz Bandwidth
813-IF70.0M-19A OSCILENT-813-IF70.0M-19A Datasheet
208Kb / 6P
   70.0 MHz IF SAW Filter 19.83 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com