Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVFK2A331M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEVFK2A331M
Description  Aluminum Electrolytic Capacitors/ FK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK2A331M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEVFK2A331M Datasheet HTML 1Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 2Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 3Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FK
– EE63 –
3300
Capacitance (
µF)
Rated Voltage Mark
Series identification
Lot number
Negative polarity
marking (–)
jFK
A
±0.2
W
() Reference size
L
+
0.3 max.
Pressure Relief (
φ10 and larger)
22
Capacitance (
µF)
Rated Voltage Mark
Series identification
Mark for Lead-Free
ProductsBlack Dot
(Square)
Lot number
Negative polarity
marking (–)
jFK
Features
● Endurance: 2000 h to 5000 h at 105 °C
● Low impedance (40 % to 60 % less than FC series)
Miniaturized (30 % to 50 % less than FC series)
● Vibration-proof product is available upon request. (φ8 mm and larger)
● RoHS directive compliant
Surface Mount Type
Series:
FK Type: V
Specifications
Category Temp. Range
–55 °C to +105 °C
Rated W.V.Range
6.3 V.DC to 100 V.DC
Nominal Cap.Range
3.3 µF to 6800 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
tan
δ
Please see the attached standard products list
Characteristics
at Low Temperature
W.V. (V)
6.3
10
16
25
35
50
63
80
100
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
222222222
Z(–40 °C)/Z(+20 °C)
333333333
Z(–55 °C)/Z(+20 °C)
444333333
Endurance
After applying rated working voltage for 2000 hours at +105 °C±2 °C and then being stabilized at +20 °C,
Capacitors shall meet the following limits. (
> φ12.5 and suffix “G” in φ8 10.2, φ10 10.2 are 5000 hours)
Capacitance change
±30 % of initial measured value (Suffix “G” is 35 %)
tan
δ
< 200 % of initial specified value (Suffix “G” is 300 %)
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
Dimensions in mm (not to scale)
Marking
Example:6.3 V 22 µF, 6.3 V 3300 µF
Marking color : BLACK
< φ10
(mm)
Size
code
DL
A,B
H
I
W
P
K
B
4.0
5.8±0.3
4.3
5.5 max.
1.8
0.65±0.1
1.0
0.35 - 0.2
C
5.0
5.8±0.3
5.3
6.5 max.
2.2
0.65±0.1
1.5
0.35 - 0.2
D
6.3
5.8±0.3
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.2
D8
6.3
7.7±0.3
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.2
E
8.0
6.2±0.3
8.3
9.5 max.
3.4
0.65±0.1
2.2
0.35 - 0.2
F
8.0
10.2±0.3
8.3
10.0 max.
3.4
0.90±0.2
3.1
0.70±0.2
G
10.0
10.2±0.3
10.3
12.0 max.
3.5
0.90±0.2
4.6
0.70±0.2
H13
12.5
13.5±0.5
13.5
15.0 max.
4.7
0.90±0.3
4.4
0.70±0.3
J16
16.0
16.5±0.5
17.0
19.0 max.
5.5
1.20±0.3
6.7
0.70±0.3
K16
18.0
16.5±0.5
19.0
21.0 max.
6.7
1.20±0.3
6.7
0.70±0.3
j6.3 V
A10 V
C16 V
E25 V
V35 V
Rated Voltage Mark
H50 V
J63 V
K80 V
2A
100 V
> φ12.5
+ 1.5
+ 1.5
+ 1.5
+ 1.5
+ 1.5
Frequency (Hz)
50, 60
120
1 k
10 k
100 k to
Correction factor
0.70
0.75
0.90
0.95
1.00
Frequency correction factor for ripple current
Sep. 2011
03


Similar Part No. - EEVFK2A331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVFK2A331M PANASONIC-EEVFK2A331M Datasheet
117Kb / 6P
   ALUMINUM ELEECTROLYTIC CAPACITORS/FK
EEVFK2A331M PANASONIC-EEVFK2A331M Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEVFK2A331M PANASONIC-EEVFK2A331M Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEVFK2A331M PANASONIC-EEVFK2A331M Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEVFK2A331M PANASONIC-EEVFK2A331M Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
More results

Similar Description - EEVFK2A331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEV-FK1J221Q PANASONIC-EEV-FK1J221Q Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1V151AP PANASONIC-EEE-FK1V151AP Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C681P PANASONIC-EEE-FK1C681P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E330P PANASONIC-EEE-FK1E330P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C471GP PANASONIC-EEE-FK1C471GP Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C220AR PANASONIC-EEE-FK1C220AR Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com