Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWH12623MV Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWH12623MV
Description  Metallized Polypropylene Film Capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH12623MV Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWH12623MV Datasheet HTML 1Page - Panasonic Semiconductor ECWH12623MV Datasheet HTML 2Page - Panasonic Semiconductor ECWH12623MV Datasheet HTML 3Page - Panasonic Semiconductor ECWH12623MV Datasheet HTML 4Page - Panasonic Semiconductor ECWH12623MV Datasheet HTML 5Page - Panasonic Semiconductor ECWH12623MV Datasheet HTML 6Page - Panasonic Semiconductor ECWH12623MV Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IDimensions in mm (not to scale)
ITaping Specifications for Automatic Insertion
G
Taping style
❈See the column “Rating, Dimensions & Quantity Box” for packing quantity.
IPackaging Specifications for Bulk Package
Packing quantity : 100 pcs./bag
GLead Spacing
Style
E
Lead Spacing
7.5 mm
❈Refer to the page of taping specifications.
GPackaging Specifications
Type
Rated volt.
Cap. range
(µF)
Taping style
AD AS
B
C
D
E
Packing
suffix
ECWH(V)
0800 VDC
1000 VDC
1250 VDC
1600 VDC
2000 VDC
0.0010 to 0.10
0.0010 to 0.10
0.0010 to 0.051
0.0010 to 0.020
0.0010 to 0.015
Ammo
Ammo
Ammo
Ammo
Ammo
R() V
R() V
R() V
R() V
R() V


Similar Part No. - ECWH12623MV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH12623 PANASONIC-ECWH12623 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH12623 PANASONIC-ECWH12623 Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECWH12623V PANASONIC-ECWH12623V Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
More results

Similar Description - ECWH12623MV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com