Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE30F29C6N Datasheet(PDF) 7 Page - Altera Corporation

Part # EP4CE30F29C6N
Description  Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE30F29C6N Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP4CE30F29C6N Datasheet HTML 3Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 4Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 5Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 6Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 7Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 8Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 9Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 10Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–7
Operating Conditions
December 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
DC Characteristics
This section lists the I/O leakage current, pin capacitance, on-chip termination (OCT)
tolerance, and bus hold specifications for Cyclone IV devices.
Supply Current
The device supply current requirement is the minimum current drawn from the
power supply pins that can be used as a reference for power size planning. Use the
Excel-based early power estimator (EPE) to get the supply current estimates for your
design because these currents vary greatly with the resources used. Table 1–6 lists the
I/O pin leakage current for Cyclone IV devices.
Bus Hold
The bus hold retains the last valid logic state after the source driving it either enters
the high impedance state or is removed. Each I/O pin has an option to enable bus
hold in user mode. Bus hold is always disabled in configuration mode.
Table 1–7 lists bus hold specifications for Cyclone IV devices.
Table 1–6. I/O Pin Leakage Current for Cyclone IV Devices (1), (2)
Symbol
Parameter
Conditions
Device
Min
Typ
Max
Unit
II
Input pin leakage current
VI = 0 V to VCCIOMAX
–10
10
A
IOZ
Tristated I/O pin leakage
current
VO = 0 V to VCCIOMAX
–10
10
A
Notes to Table 1–6:
(1) This value is specified for normal device operation. The value varies during device power
-up. This applies for all VCCIO settings (3.3, 3.0, 2.5,
1.8, 1.5, and 1.2 V).
(2) The 10
A I/O leakage current limit is applicable when the internal clamping diode is off. A higher current can be observed when the diode is on.
Table 1–7. Bus Hold Parameter for Cyclone IV Devices (Part 1 of 2) (1)
Parameter
Condition
VCCIO (V)
Unit
1.2
1.5
1.8
2.5
3.0
3.3
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Bus hold
low,
sustaining
current
VIN > VIL
(maximum)
8
12
30—50—70
70
A
Bus hold
high,
sustaining
current
VIN < VIL
(minimum)
–8
–12
–30
–50
–70
–70
A
Bus hold
low,
overdrive
current
0 V < VIN < VCCIO
125
175
200
300
500
500
A
Bus hold
high,
overdrive
current
0 V < VIN < VCCIO
–125
–175
–200
–300
–500
–500
A


Similar Part No. - EP4CE30F29C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE30F29C7N ALTERA-EP4CE30F29C7N Datasheet
16Mb / 488P
   Cyclone IV Device Handbook, Volume 1
EP4CE30F29C8N ALTERA-EP4CE30F29C8N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
More results

Similar Description - EP4CE30F29C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX22BF14C6N ALTERA-EP4CGX22BF14C6N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22F17I7N ALTERA-EP4CE22F17I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23I7N ALTERA-EP4CGX75CF23I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com