Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE30F29C6N Datasheet(PDF) 9 Page - Altera Corporation

Part # EP4CE30F29C6N
Description  Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE30F29C6N Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP4CE30F29C6N Datasheet HTML 5Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 6Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 7Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 8Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 9Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 10Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 11Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 12Page - Altera Corporation EP4CE30F29C6N Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–9
Operating Conditions
December 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
The OCT resistance may vary with the variation of temperature and voltage after
calibration at device power-up. Use Table 1–10 and Equation 1–1 to determine the
final OCT resistance considering the variations after calibration at device power-up.
Table 1–10 lists the change percentage of the OCT resistance with voltage and
temperature.
Table 1–10. OCT Variation After Calibration at Device Power
-Up for Cyclone IV Devices
Nominal Voltage
dR/dT (%/°C)
dR/dV (%/mV)
3.0
0.262
–0.026
2.5
0.234
–0.039
1.8
0.219
–0.086
1.5
0.199
–0.136
1.2
0.161
–0.288
Equation 1–1. Final OCT Resistance (1), (2), (3), (4), (5), (6)
R
V = (V2 – V1) × 1000 × dR/dV –––––
(7)
R
T = (T2 – T1) × dR/dT –––––
(8)
For
R
x < 0; MFx = 1/ (|Rx|/100 + 1) –––––
(9)
For Rx > 0; MFx = Rx/100 + 1 ––––– (10)
MF = MFV × MFT ––––– (11)
Rfinal = Rinitial × MF ––––– (12)
Notes to Equation 1–1:
(1) T2 is the final temperature.
(2) T1 is the initial temperature.
(3) MF is multiplication factor.
(4) Rfinal is final resistance.
(5) Rinitial is initial resistance.
(6) Subscript x refers to both V and T.
(7)
R
V is a variation of resistance with voltage.
(8)
R
T is a variation of resistance with temperature.
(9) dR/dT is the change percentage of resistance with temperature after calibration at device power
-up.
(10) dR/dV is the change percentage of resistance with voltage after calibration at device power
-up.
(11) V2 is final voltage.
(12) V1 is the initial voltage.


Similar Part No. - EP4CE30F29C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE30F29C7N ALTERA-EP4CE30F29C7N Datasheet
16Mb / 488P
   Cyclone IV Device Handbook, Volume 1
EP4CE30F29C8N ALTERA-EP4CE30F29C8N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
More results

Similar Description - EP4CE30F29C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX22BF14C6N ALTERA-EP4CGX22BF14C6N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22F17I7N ALTERA-EP4CE22F17I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23I7N ALTERA-EP4CGX75CF23I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com