Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1330S-24 Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM1330S-24
Description  150mA, Low Noise, Low Dropout Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1330S-24 Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM1330S-24 Datasheet HTML 1Page - Union Semiconductor, Inc. UM1330S-24 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1330S-24 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1330S-24 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1330S-24 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1330S-24 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1330S-24 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1330S-24 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1330S-24 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Apr.2014
4/14
UM1330
Available Voltage Version
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM1330S-15
1.5V
SOT23-5
5K2
3000pcs/7Inch
Tape & Reel
UM1330S-16
1.6V
5K3
UM1330S-17
1.7V
5K4
UM1330S-18
1.8V
5K5
UM1330S-19
1.9V
5K8
UM1330S-20
2.0V
5K9
UM1330S-21
2.1V
5KB
UM1330S-22
2.2V
5KC
UM1330S-23
2.3V
5KD
UM1330S-24
2.4V
5KE
UM1330S-25
2.5V
5KF
UM1330S-26
2.6V
5KH
UM1330S-27
2.7V
5KL
UM1330S-28
2.8V
5KM
UM1330S-29
2.9V
5KJ
UM1330S-30
3.0V
5KK
UM1330S-31
3.1V
5KN
UM1330S-32
3.2V
5KP
UM1330S-33
3.3V
5KQ
UM1330P-15
1.5V
SOT353
UN5
UM1330P-16
1.6V
UN6
UM1330P-17
1.7V
UN7
UM1330P-18
1.8V
UN8
UM1330P-19
1.9V
UN9
UM1330P-20
2.0V
UNA
UM1330P-21
2.1V
UNC
UM1330P-22
2.2V
UP2
UM1330P-23
2.3V
UP3
UM1330P-24
2.4V
UP4
UM1330P-25
2.5V
UP5
UM1330P-26
2.6V
UP6
UM1330P-27
2.7V
UP7
UM1330P-28
2.8V
UP8
UM1330P-29
2.9V
UP9
UM1330P-30
3.0V
UPA
UM1330P-31
3.1V
UPB
UM1330P-32
3.2V
UPC
UM1330P-33
3.3V
UPD


Similar Part No. - UM1330S-24

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1330S-24 UNIONSEMI-UM1330S-24 Datasheet
636Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results

Similar Description - UM1330S-24

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC8878 ETC1-AMC8878 Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330_15 Datasheet
636Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com