Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K100 Datasheet(PDF) 11 Page - Altera Corporation

Part # EPF10K100
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K100 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EPF10K100 Datasheet HTML 7Page - Altera Corporation EPF10K100 Datasheet HTML 8Page - Altera Corporation EPF10K100 Datasheet HTML 9Page - Altera Corporation EPF10K100 Datasheet HTML 10Page - Altera Corporation EPF10K100 Datasheet HTML 11Page - Altera Corporation EPF10K100 Datasheet HTML 12Page - Altera Corporation EPF10K100 Datasheet HTML 13Page - Altera Corporation EPF10K100 Datasheet HTML 14Page - Altera Corporation EPF10K100 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
Altera Corporation
11
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Larger blocks of RAM are created by combining multiple EABs. For
example, two 256
× 8 RAM blocks can be combined to form a
256
× 16 RAM block; two 512 × 4 blocks of RAM can be combined to form
a 512
× 8RAM block. See Figure 3.
Figure 3. Examples of Combining EABs
If necessary, all EABs in a device can be cascaded to form a single RAM
block. EABs can be cascaded to form RAM blocks of up to 2,048 words
without impacting timing. Altera’s software automatically combines
EABs to meet a designer’s RAM specifications.
EABs provide flexible options for driving and controlling clock signals.
Different clocks can be used for the EAB inputs and outputs. Registers can
be independently inserted on the data input, EAB output, or the address
and WE inputs. The global signals and the EAB local interconnect can drive
the WE signal. The global signals, dedicated clock pins, and EAB local
interconnect can drive the EAB clock signals. Because the LEs drive the
EAB local interconnect, the LEs can control the WE signal or the EAB clock
signals.
Each EAB is fed by a row interconnect and can drive out to row and
column interconnects. Each EAB output can drive up to two row channels
and up to two column channels; the unused row channel can be driven by
other LEs. This feature increases the routing resources available for EAB
outputs. See Figure 4.
512
× 4
512
× 4
256
× 8
256
× 8
256
× 16
512
× 8


Similar Part No. - EPF10K100

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K100 ALTERA-EPF10K100 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100 ALTERA-EPF10K100 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100 ALTERA-EPF10K100 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K100 ALTERA-EPF10K100 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100 ALTERA-EPF10K100 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K100

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com