Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM491 Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM491
Description  짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM491 Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM491 Datasheet HTML 1Page - Union Semiconductor, Inc. UM491 Datasheet HTML 2Page - Union Semiconductor, Inc. UM491 Datasheet HTML 3Page - Union Semiconductor, Inc. UM491 Datasheet HTML 4Page - Union Semiconductor, Inc. UM491 Datasheet HTML 5Page - Union Semiconductor, Inc. UM491 Datasheet HTML 6Page - Union Semiconductor, Inc. UM491 Datasheet HTML 7Page - Union Semiconductor, Inc. UM491 Datasheet HTML 8Page - Union Semiconductor, Inc. UM491 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Aug.2013
5/17
UM488/UM491
Switching Characteristics
(VCC = +5V ± 5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V
and TA = +25°C.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Driver Input-to-Output
t
DPLH
Figures 5 and 7, R
DIFF = 54Ω,
C
L1 = CL2 = 100pF
10
30
60
ns
t
DPHL
10
30
60
Driver Output Skew
| tDPLH - tDPHL |
tDSKEW
Figures 5 and 7, R
DIFF = 54Ω,
C
L1 = CL2 = 100pF
5
10
ns
Driver Rise or Fall Time
t
DR, tDF
Figures 5 and 7, R
DIFF = 54Ω,
C
L1 = CL2 = 100pF
5
15
25
ns
Maximum Data Rate
f
MAX
2.5
Mbps
Driver Enable to Output High
t
DZH
Figures 6 and 8, C
L = 100pF,
S2 closed
40
70
ns
Driver Enable to Output Low
t
DZL
Figures 6 and 8, C
L = 100pF,
S1 closed
40
70
ns
Driver Disable Time from
Low
t
DLZ
Figures 6 and 8, C
L = 15pF,
S1 closed
40
70
ns
Driver Disable Time from
High
t
DHZ
Figures 6 and 8, C
L = 15pF,
S2 closed
40
70
ns
Receiver Input to Output
t
RPLH,
t
RPHL
Figures 9 and 11; | VID | ≥2.0V;
rise and fall time of V
ID≤15ns
20
90
150
ns
| tRPLH - tRPHL | Differential
Receiver Skew
t
RSKD
Figures 9 and 11; | VID | ≥2.0V;
rise and fall time of V
ID≤15ns
13
ns
Receiver Enable to Output
Low
t
RZL
Figures 4 and 10, C
L = 100pF,
S1 closed
20
50
ns
Receiver Enable to Output
High
t
RZH
Figures 4 and 10, C
L = 100pF,
S2 closed
20
50
ns
Receiver Disable Time from
Low
t
RLZ
Figures 4 and 10, C
L = 100pF,
S1 closed
20
50
ns
Receiver Disable Time from
High
t
RHZ
Figures 4 and 10, C
L = 100pF,
S2 closed
20
50
ns
Time to Shutdown
t
SHDN
(Note 4)
50
200
600
ns
Driver Enable from
Shutdown to Output High
t
DZH(SHDN
)
Figures 6 and 8, C
L = 15pF,
S2 closed
40
100
ns
Driver Enable from
Shutdown to Output Low
t
DZL(SHDN)
Figures 6 and 8, C
L = 15pF,
S1 closed
40
100
ns
Receiver Enable from
Shutdown- to-Output High
t
RZH(SHDN)
Figures 4 and 10, C
L = 100pF,
S2 closed
300
1000
ns
Receiver Enable from
Shutdown- to-Output Low
t
RZL(SHDN)
Figures 4 and 10, C
L = 100pF,
S1 closed
300
1000
ns
Note 4:
The device is put into shutdown by bringing RE
_______
high and DE low. If the enable inputs are
in this state for less than 50ns, the device is guaranteed not to enter shutdown. If the enable inputs are in
this state for at least 600ns, the device is guaranteed to have entered shutdown.


Similar Part No. - UM491

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM491 UNIONSEMI-UM491 Datasheet
363Kb / 17P
   Enhanced Slew-Rate Limiting Facilitates Error-Free Data Transmission
UM491EEPE UNIONSEMI-UM491EEPE Datasheet
363Kb / 17P
   Enhanced Slew-Rate Limiting Facilitates Error-Free Data Transmission
UM491EESE UNIONSEMI-UM491EESE Datasheet
363Kb / 17P
   Enhanced Slew-Rate Limiting Facilitates Error-Free Data Transmission
More results

Similar Description - UM491

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3060E MAXIM-MAX3060E_V01 Datasheet
2Mb / 17P
   짹15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
2018
logo
SHANGHAI BELLING CO., L...
BL3085A BELLING-BL3085A Datasheet
728Kb / 8P
   High ESD-Protected, Fail-Safe, Slew-Rate-Limited
BL3085B BELLING-BL3085B Datasheet
218Kb / 8P
   High ESD-Protected, Fail-Safe, Slew-Rate-Limited
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com