Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM488EESA Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM488EESA
Description  짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM488EESA Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM488EESA Datasheet HTML 1Page - Union Semiconductor, Inc. UM488EESA Datasheet HTML 2Page - Union Semiconductor, Inc. UM488EESA Datasheet HTML 3Page - Union Semiconductor, Inc. UM488EESA Datasheet HTML 4Page - Union Semiconductor, Inc. UM488EESA Datasheet HTML 5Page - Union Semiconductor, Inc. UM488EESA Datasheet HTML 6Page - Union Semiconductor, Inc. UM488EESA Datasheet HTML 7Page - Union Semiconductor, Inc. UM488EESA Datasheet HTML 8Page - Union Semiconductor, Inc. UM488EESA Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Aug.2013
3/17
UM488/UM491
DC Electrical Characteristics
(VCC = +5V ± 5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V
and TA = +25°C.) (Note 1)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
DRIVER
Differential Driver Output
(No Load)
V
OD1
Figure 3
5
V
Differential Driver Output
V
OD2
Figure 3, R = 50Ω
2.0
V
Change-in-Magnitude of
Differential Output Voltage
(Note 2)
ΔV
OD
Figure 3, R = 50Ω
0.2
V
Driver Common-Mode
Output Voltage
V
OC
Figure 3, R = 50Ω
3.0
V
Change-in-Magnitude of
Common-Mode Voltage
(Note 2)
ΔV
OC
Figure 3, R = 50Ω
0.2
V
Input High Voltage
V
IH
DE, DI, RE
______
2.0
V
Input Low Voltage
V
IL
DE, DI, RE
______
0.8
V
DI Input Hysteresis
V
HYS
100
mV
Input Current (A and B)
IIN
DE = GND,
VCC = GND or
5.25V
VIN = 12V
125
µA
VIN = -7V
-75
Output Leakage (Y and Z)
IO
DE = GND,
VCC = GND or
5.25V
VIN = 12V
125
µA
VIN = -7V
-100
Driver Short-Circuit Output
Current (Note 3)
VOD1
-7V≤VOUT≤VCC
-250
mA
0V≤VOUT≤12V
250
0V≤VOUT≤VCC
±25


Similar Part No. - UM488EESA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM488EESA UNIONSEMI-UM488EESA Datasheet
363Kb / 17P
   Enhanced Slew-Rate Limiting Facilitates Error-Free Data Transmission
More results

Similar Description - UM488EESA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3060E MAXIM-MAX3060E_V01 Datasheet
2Mb / 17P
   짹15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
2018
logo
SHANGHAI BELLING CO., L...
BL3085A BELLING-BL3085A Datasheet
728Kb / 8P
   High ESD-Protected, Fail-Safe, Slew-Rate-Limited
BL3085B BELLING-BL3085B Datasheet
218Kb / 8P
   High ESD-Protected, Fail-Safe, Slew-Rate-Limited
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com