Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7032 Datasheet(PDF) 7 Page - Altera Corporation

Part # EPM7032
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7032 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EPM7032 Datasheet HTML 3Page - Altera Corporation EPM7032 Datasheet HTML 4Page - Altera Corporation EPM7032 Datasheet HTML 5Page - Altera Corporation EPM7032 Datasheet HTML 6Page - Altera Corporation EPM7032 Datasheet HTML 7Page - Altera Corporation EPM7032 Datasheet HTML 8Page - Altera Corporation EPM7032 Datasheet HTML 9Page - Altera Corporation EPM7032 Datasheet HTML 10Page - Altera Corporation EPM7032 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Altera Corporation
7
MAX 7000 Programmable Logic Device Family Data Sheet
The MAX 7000 architecture includes four dedicated inputs that can
be used as general-purpose inputs or as high-speed, global control
signals (clock, clear, and two output enable signals) for each
macrocell and I/O pin. Figure 1 shows the architecture of EPM7032,
EPM7064, and EPM7096 devices.
Figure 1. EPM7032, EPM7064 & EPM7096 Device Block Diagram
I/O
Control
Block
8 to 16
I/O pins
8 to 16
8 to 16
16
36
I/O
Control
Block
8 to 16
8 to 16
I/O pins
36
8 to 16
16
8 to 16
8 to 16
I/O pins
36
8 to 16
16
I/O
Control
Block
I/O
Control
Block
8 to 16
I/O pins
8 to 16
8 to 16
16
36
LAB A
LAB B
LAB C
Macrocells
33 to 48
LAB D
INPUT/GCLRn
INPUT/OE1
INPUT/OE2
Macrocells
17 to 32
Macrocells
49 to 64
PIA
INPUT/GLCK1
Macrocells
1 to 16


Similar Part No. - EPM7032

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7032

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com