Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7096 Datasheet(PDF) 11 Page - Altera Corporation

Part # EPM7096
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7096 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EPM7096 Datasheet HTML 7Page - Altera Corporation EPM7096 Datasheet HTML 8Page - Altera Corporation EPM7096 Datasheet HTML 9Page - Altera Corporation EPM7096 Datasheet HTML 10Page - Altera Corporation EPM7096 Datasheet HTML 11Page - Altera Corporation EPM7096 Datasheet HTML 12Page - Altera Corporation EPM7096 Datasheet HTML 13Page - Altera Corporation EPM7096 Datasheet HTML 14Page - Altera Corporation EPM7096 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
Altera Corporation
11
MAX 7000 Programmable Logic Device Family Data Sheet
Each programmable register can be clocked in three different modes:
By a global clock signal. This mode achieves the fastest clock-to-
output performance.
By a global clock signal and enabled by an active-high clock
enable. This mode provides an enable on each flipflop while still
achieving the fast clock-to-output performance of the global
clock.
By an array clock implemented with a product term. In this
mode, the flipflop can be clocked by signals from buried
macrocells or I/O pins.
In EPM7032, EPM7064, and EPM7096 devices, the global clock signal
is available from a dedicated clock pin, GCLK1, as shown in Figure 1.
In MAX 7000E and MAX 7000S devices, two global clock signals are
available. As shown in Figure 2, these global clock signals can be the
true or the complement of either of the global clock pins, GCLK1 or
GCLK2
.
Each register also supports asynchronous preset and clear functions.
As shown in Figures 3 and 4, the product-term select matrix allocates
product terms to control these operations. Although the
product-term-driven preset and clear of the register are active high,
active-low control can be obtained by inverting the signal within the
logic array. In addition, each register clear function can be
individually driven by the active-low dedicated global clear pin
(GCLRn). Upon power-up, each register in the device will be set to a
low state.
All MAX 7000E and MAX 7000S I/O pins have a fast input path to a
macrocell register. This dedicated path allows a signal to bypass the
PIA and combinatorial logic and be driven to an input D flipflop with
an extremely fast (2.5 ns) input setup time.
Expander Product Terms
Although most logic functions can be implemented with the five
product terms available in each macrocell, the more complex logic
functions require additional product terms. Another macrocell can
be used to supply the required logic resources; however, the
MAX 7000 architecture also allows both shareable and parallel
expander product terms (“expanders”) that provide additional
product terms directly to any macrocell in the same LAB. These
expanders help ensure that logic is synthesized with the fewest
possible logic resources to obtain the fastest possible speed.


Similar Part No. - EPM7096

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7096 ALTERA-EPM7096 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7096 ALTERA-EPM7096 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7096 ALTERA-EPM7096 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7096 ALTERA-EPM7096 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7096 ALTERA-EPM7096 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7096

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com