Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7128S Datasheet(PDF) 10 Page - Altera Corporation

Part # EPM7128S
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7128S Datasheet(HTML) 10 Page - Altera Corporation

Back Button EPM7128S Datasheet HTML 6Page - Altera Corporation EPM7128S Datasheet HTML 7Page - Altera Corporation EPM7128S Datasheet HTML 8Page - Altera Corporation EPM7128S Datasheet HTML 9Page - Altera Corporation EPM7128S Datasheet HTML 10Page - Altera Corporation EPM7128S Datasheet HTML 11Page - Altera Corporation EPM7128S Datasheet HTML 12Page - Altera Corporation EPM7128S Datasheet HTML 13Page - Altera Corporation EPM7128S Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
10
Altera Corporation
MAX 7000 Programmable Logic Device Family Data Sheet
Figure 4 shows a MAX 7000E and MAX 7000S device macrocell.
Figure 4. MAX 7000E & MAX 7000S Device Macrocell
Combinatorial logic is implemented in the logic array, which provides
five product terms per macrocell. The product-term select matrix allocates
these product terms for use as either primary logic inputs (to the OR and
XOR
gates) to implement combinatorial functions, or as secondary inputs
to the macrocell’s register clear, preset, clock, and clock enable control
functions. Two kinds of expander product terms (“expanders”) are
available to supplement macrocell logic resources:
Shareable expanders, which are inverted product terms that are fed
back into the logic array
Parallel expanders, which are product terms borrowed from adjacent
macrocells
The Altera development system automatically optimizes product-term
allocation according to the logic requirements of the design.
For registered functions, each macrocell flipflop can be individually
programmed to implement D, T, JK, or SR operation with programmable
clock control. The flipflop can be bypassed for combinatorial operation.
During design entry, the designer specifies the desired flipflop type; the
Altera development software then selects the most efficient flipflop
operation for each registered function to optimize resource utilization.
Product-
Term
Select
Matrix
36 Signals
from PIA
16 Expander
Product Terms
Logic Array
Parallel Logic
Expanders
(from other
macrocells)
Shared Logic
Expanders
Clear
Select
Global
Clear
Global
Clocks
Clock/
Enable
Select
2
PRN
CLRN
D/T
Q
ENA
Register
Bypass
to I/O
Control
Block
to PIA
Programmable
Register
from
I/O pin
Fast Input
Select
VCC


Similar Part No. - EPM7128S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128S ALTERA-EPM7128S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128S ALTERA-EPM7128S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128S ALTERA-EPM7128S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128S ALTERA-EPM7128S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128S ALTERA-EPM7128S Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7128S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com