Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UESD6V8L4A Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UESD6V8L4A
Description  Low Capacitance TVS Diode Array for ESD Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UESD6V8L4A Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UESD6V8L4A Datasheet HTML 1Page - Union Semiconductor, Inc. UESD6V8L4A Datasheet HTML 2Page - Union Semiconductor, Inc. UESD6V8L4A Datasheet HTML 3Page - Union Semiconductor, Inc. UESD6V8L4A Datasheet HTML 4Page - Union Semiconductor, Inc. UESD6V8L4A Datasheet HTML 5Page - Union Semiconductor, Inc. UESD6V8L4A Datasheet HTML 6Page - Union Semiconductor, Inc. UESD6V8L4A Datasheet HTML 7Page - Union Semiconductor, Inc. UESD6V8L4A Datasheet HTML 8Page - Union Semiconductor, Inc. UESD6V8L4A Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Jul.2012
5/10
UESD6V8Lxx
Application Information
UESD6V8Lxx can use as unidirectional lines or bidirectional lines protector. For example,
UESD6V8L4B can use as a four unidirectional lines protector, and also can use as a three
bidirectional lines protector (as figure1 shows). For bidirectional applications, the junction
capacitance between I/O ports and ground is half of the single TVS’s junction capacitance, that is
to say the typical value of the junction capacitance between I/O ports and ground is 6pF. The
break down voltage of these two series connection TVS is a forwards voltage (about 0.7V) higher
than a single TVS’s.
Figure1: UESD6V8L4B use as three bidirectional lines protector
Circuit Board Layout Recommendations for Suppression of ESD
Good circuit board layout is critical for the suppression of ESD induced transients. The following
guidelines are recommended:
1.
Place the TVS near the input terminals or connectors to restrict transient coupling.
2.
Minimize the path length between the TVS and the protected line.
3.
Minimize all conductive loops including power and ground loops.
4.
The ESD transient return path to ground should be kept as short as possible.
5.
Never run critical signals near board edges.
6.
Use ground planes whenever possible. For multilayer printed-circuit boards, use ground
vias.
7.
Keep parallel signal paths to a minimum.
8.
Avoid running protection conductors in parallel with unprotected conductor.
9.
Minimize all printed-circuit board conductive loops including power and ground loops.
10. Avoid using shared transient return paths to a common ground point.


Similar Part No. - UESD6V8L4A

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A Datasheet
319Kb / 9P
   Low Capacitance TVS Diode Array for ESD Protection
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
   Low Capacitance TVS Diode Array for ESD Protection
More results

Similar Description - UESD6V8L4A

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
   Low Capacitance TVS Diode Array for ESD Protection
logo
Shenzhen Huazhimei Semi...
HM0524 HMSEMI-HM0524 Datasheet
770Kb / 4P
   Low-Capacitance TVS Diode Array for ESD Protection
logo
Shanghai Leiditech Elec...
ULC332510P10 LEIDITECH-ULC332510P10 Datasheet
960Kb / 4P
   3.3V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
ULC051109MP6 LEIDITECH-ULC051109MP6 Datasheet
1Mb / 5P
   5V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
   LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
logo
Rectron Semiconductor
RSRV05-4LC RECTRON-RSRV05-4LC Datasheet
209Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP0801LC RECTRON-TEP0801LC Datasheet
168Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP81302LC RECTRON-TEP81302LC Datasheet
723Kb / 6P
   Low Capacitance TVS/ESD Protection Diode
TEP2401QM RECTRON-TEP2401QM Datasheet
167Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com