Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM809AAP Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM809AAP
Description  3-Pin Microprocessor Reset Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM809AAP Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM809AAP Datasheet HTML 1Page - Union Semiconductor, Inc. UM809AAP Datasheet HTML 2Page - Union Semiconductor, Inc. UM809AAP Datasheet HTML 3Page - Union Semiconductor, Inc. UM809AAP Datasheet HTML 4Page - Union Semiconductor, Inc. UM809AAP Datasheet HTML 5Page - Union Semiconductor, Inc. UM809AAP Datasheet HTML 6Page - Union Semiconductor, Inc. UM809AAP Datasheet HTML 7Page - Union Semiconductor, Inc. UM809AAP Datasheet HTML 8Page - Union Semiconductor, Inc. UM809AAP Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Dec.2013
2/15
UM809/810
Ordering Information
UM8 XX ZZ P
XX: Output Type
=09 Push-pull Active Low
=10 Push-pull Active High
ZZ: Reset Threshold (V)
P: Package Type
=S SOT23-3
=P SC70-3
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to +10
V
RESET, RESET
_____________
(push-pull)
-0.3 to VCC +0.3
V
ICC
Input Current, VCC
20
mA
IO
Output Current, RESET, RESET
_____________
20
mA
Rate of Rise, VCC
100
V/us
PD
Continuous Power Dissipation
SC70-3
174
mW
SOT23-3
320
TJ
Operating Junction Temperature
SC70-3
-40 to +125
°C
SOT23-3
-40 to +105
TSTG
Storage Temperature Range
-65 to +150
°C
Lead Temperature (soldering, 10s)
300
°C
Note 1: Stresses beyond those listed under “Absolute maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications are not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.


Similar Part No. - UM809AAP

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM809AAP UNIONSEMI-UM809AAP Datasheet
408Kb / 14P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM809AAP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com