Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5A-237P-DC12 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G5A-237P-DC12
Description  Low Signal Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5A-237P-DC12 Datasheet(HTML) 3 Page - Omron Electronics LLC

  G5A-237P-DC12 Datasheet HTML 1Page - Omron Electronics LLC G5A-237P-DC12 Datasheet HTML 2Page - Omron Electronics LLC G5A-237P-DC12 Datasheet HTML 3Page - Omron Electronics LLC G5A-237P-DC12 Datasheet HTML 4Page - Omron Electronics LLC G5A-237P-DC12 Datasheet HTML 5Page - Omron Electronics LLC G5A-237P-DC12 Datasheet HTML 6Page - Omron Electronics LLC G5A-237P-DC12 Datasheet HTML 7Page - Omron Electronics LLC G5A-237P-DC12 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
110
Low Signal Relay
G5A
Double-winding Latching Type. Standard and FCC Part 68 Version (G5AK-237P, G5AK-234P, G5AK-237P-FC, G5AK-234P-FC)
Single-winding Latching Type. High-sensitivity Version (G5AU-237PH, G5AU-234PH)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C (73°F) with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23°C (73°F).
■ Characteristics
Note: Data shown are of initial value.
Rated voltage
(VDC)
Rated current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set pick-up
voltage
Reset
dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated value
3
66.70
45
0.02
0.02
80% max.
80% max.
200% max.
Approx. 200
5
40
125
0.06
0.05
6
33.30
180
0.08
0.07
9
22.20
405
0.17
0.14
12
16.70
720
0.29
0.24
24
8.30
2,880
1.10
0.85
Rated voltage
(VDC)
Rated current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set pick-up
voltage
Reset
dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated value
5
20
250
--
--
80% max.
80% max.
200% max.
Approx. 200
6
16.70
360
--
--
9
11.10
810
--
--
12
8.40
1,440
--
--
24
4.20
5,760
--
--
Type
Non-latching
Latching
Contact resistance
50 m
Ω max.
Operate (set) time
5 ms. max. (mean value approx 2.4 ms)
5 ms. max. (mean value opprox. 2.0 ms)
Release (reset) time
5 ms. max. (mean value approx. 1.1 ms)
5 ms. max. (mean value approx. 1.8 ms)
Bounce time
Operate
Approx. 0.5 ms
Release
Approx. 0.5 ms
Operating
frequency
Mechanical
36,000 operations/hour
Electrical
18,000 operations/hour (under rated load)
Insulation resistance
1,000 m
Ω min. (at 500 VDC)
1,000 m
Ω min. (at 250 VDC)
Dielectric strength
--
1,000 VAC, 50/60 Hz for 1 minute between coil and contacts
1,000 VAC, 50/60 Hz for 1 minute between contacts of different poles
Standard
500 VAC, 50/60 Hz for 1 minute between contacts of same pole
FC
750 VAC, 50/60 Hz for 1 minute between contacts of same pole
Set and reset coils
--
250 VAC, 50/60 Hz for 1 minute
Vibration
Mechanical durability
10 to 55 Hz; 1.50 mm (0.06 in) double amplitude
Malfunction durability Malfunction durability10 to 55 Hz; 1.50 mm (0.06 in) double amplitude
Shock
Mechanical durability
Approx. 100 G
Malfunction durability Approx. 30 G
Ambient temperature
-40 to 70
°C (-40 to 158°F)
Humidity
45% to 85% RH
Service life
Mechanical
50 million operations min.
(at 18,000 operations/hour)
1 million operations min.
(at 18,000 operations/hour)
Electrical
See “Characteristic Data”
Weight
Approx. 3 g (0.11 oz)


Similar Part No. - G5A-237P-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5A-234P OMRON-G5A-234P Datasheet
348Kb / 8P
   Low Signal Relay
G5A-234P OMRON-G5A-234P Datasheet
348Kb / 8P
   Low Signal Relay G5A
More results

Similar Description - G5A-237P-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com