Electronic Components Datasheet Search |
|
5219-06A Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
5219-06A Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 04/03/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 15-31-1066 Status: Active Overview: Standard .093" Pin and Socket Connectors Description: 2.36mm Diameter Standard .093" Pin and Socket Header, Vertical, with Beveled Plastic Peg, 6 Circuits Documents: 3D Model Test Summary TS-5219-002 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 5219 Application Power, Wire-to-Board Overview Standard .093" Pin and Socket Connectors Product Name Standard .093" UPC 800753617834 Physical Breakaway No Circuits (Loaded) 6 Circuits (maximum) 6 Durability (mating cycles max) 30 First Mate / Last Break No Flammability 94V-2 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Plating Mating Tin Material - Plating Termination Tin Net Weight 5051.606/mg Number of Rows 2 Orientation Vertical PCB Locator Yes PCB Retention Yes PCB Thickness - Recommended 1.60mm Packaging Type Bag Pitch - Mating Interface 6.70mm Polarized to PCB Yes Shrouded Fully Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 9A Voltage - Maximum 600V Material Info Old Part Number 5219-06A Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Low-Halogen Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 5219Series Mates With 3191 Pin and Socket Receptacle Housing |
Similar Part No. - 5219-06A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |