Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1UE263RKVF Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1UE263RKVF
Description  Low Voltage Operation,Anti Electromagnetic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UE263RKVF Datasheet(HTML) 2 Page - Sharp Corporation

  GP1UE263RKVF Datasheet HTML 1Page - Sharp Corporation GP1UE263RKVF Datasheet HTML 2Page - Sharp Corporation GP1UE263RKVF Datasheet HTML 3Page - Sharp Corporation GP1UE263RKVF Datasheet HTML 4Page - Sharp Corporation GP1UE263RKVF Datasheet HTML 5Page - Sharp Corporation GP1UE263RKVF Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Sheet No.: OP06006
GP1UE26RK0VF
GP1UE260RKVF
GP1UE261RKVF
GP1UE262RKVF
GP1UE263RKVF
GP1UE27RK0VF
GP1UE270RKVF
GP1UE271RKVF
GP1UE272RKVF
GP1UE273RKVF
GP1UE28RK0VF
GP1UE280RKVF
GP1UE281RKVF
GP1UE282RKVF
GP1UE283RKVF
GP1UE28QK0VF
GP1UE280QKVF
GP1UE281QKVF
GP1UE282QKVF
GP1UE283QKVF
Model No.
40
36
38
36.7
B.P.F. center frequency
32.75
Unit
kHz
Model Line-up
Diversified models with a different B.P.F. frequency are also available.
Outline Dimensions
GP1UE28RK0VF Series
GP1UE28QK0VF Series
1.*1 : Indicates root dimensions of connector.
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
1.*1 : Indicates root dimensions of connector.
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.6
2.2
1.25
1.25
17.8 0.5
*23.6 0.5
*32.9
*35.8
*32.9
14.2
3.6
1.4
1.4
2.54
2.54
Example of mounting drawing
from solder side (Reference)
VOUT
VCC
GND
1
2
3
*12.54
*12.54
0.5
0.8
0.8
Center
of PD
1 2 3
1
2
3
2.54
Top of lenz
2.54
1.4
1.4
Example of mounting drawing
from solder side (Reference)
0.4
*11.7
*32.9
*35.8
*32.9
3.7
1.4
1.4
5.4
6.8
2.2
2.75
5.6
VOUT
VCC
GND
1
2
3
*12.54
*12.54
0.5
0.8
0.8
1.25
1.25
1 2 3
1 2 3
(Unit : mm)
GP1UE26RK0VF/GP1UE27RK0VF Series
GP1UE28RK0VF/GP1UE28QK0VF Series
2.Unspecified tolerance : ±0.3
5.*3 : If there are difficulties to insert the GP1UE28RK0VF series on PCB,
we recommend to expand 0.1mm from original 2.9mm.
2.Unspecified tolerance : ±0.3
5.*3 : If there are difficulties to insert the GP1UE28QK0VF series on PCB,
we recommend to expand 0.1mm from original 2.9mm.
3-φ
0.8
3-φ
0.8


Similar Part No. - GP1UE263RKVF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1UE260XK SHARP-GP1UE260XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE261XK SHARP-GP1UE261XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE262XK SHARP-GP1UE262XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE267XK SHARP-GP1UE267XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE26XK SHARP-GP1UE26XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1UE263RKVF

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
logo
Hotchip Technology Co.,...
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
   Low voltage operation
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
   Low voltage operation
logo
CML Microcircuits
DB829 CMLMICRO-DB829 Datasheet
284Kb / 29P
   Low Voltage Operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
   Low-voltage Operation
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
   Low voltage operation
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
   Low voltage/ Low current operation
2013-09-03
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
   Low voltage operation (2.5V)
AMS431LV AMS-AMS431LV Datasheet
600Kb / 8P
   Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
   Low-voltage operation photo IC Operation at low voltage from 2.2 V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com