Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL22V10D-25QJ Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # GAL22V10D-25QJ
Description  GAL 22V10 Device Datasheet
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-25QJ Datasheet(HTML) 5 Page - Lattice Semiconductor

  GAL22V10D-25QJ Datasheet HTML 1Page - Lattice Semiconductor GAL22V10D-25QJ Datasheet HTML 2Page - Lattice Semiconductor GAL22V10D-25QJ Datasheet HTML 3Page - Lattice Semiconductor GAL22V10D-25QJ Datasheet HTML 4Page - Lattice Semiconductor GAL22V10D-25QJ Datasheet HTML 5Page - Lattice Semiconductor GAL22V10D-25QJ Datasheet HTML 6Page - Lattice Semiconductor GAL22V10D-25QJ Datasheet HTML 7Page - Lattice Semiconductor GAL22V10D-25QJ Datasheet HTML 8Page - Lattice Semiconductor GAL22V10D-25QJ Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Specifications GAL22V10
3
Part Number Description
Lead-Free Packaging
Commercial Grade Specifications
)
s
n
(
d
p
T)
s
n
(
u
s
T)
s
n
(
o
c
T)
A
m
(
c
c
I#
g
n
i
r
e
d
r
Oe
g
a
k
c
a
P
45
.
25
.
30
4
1N
J
L
4
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
53
4
0
4
1N
J
L
5
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
5
.
75
.
45
.
40
4
1N
P
L
7
-
D
0
1
V
2
2
L
A
G
P
I
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
5
.
45
.
40
4
1N
J
L
7
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
0
17
7
5
5N
P
Q
0
1
-
D
0
1
V
2
2
L
A
G
P
I
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
5
5N
J
Q
0
1
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
0
3
1N
P
L
0
1
-
D
0
1
V
2
2
L
A
G
P
I
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
0
3
1N
J
L
0
1
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
5
10
18
5
5N
P
Q
5
1
-
D
0
1
V
2
2
L
A
G
P
I
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
5
5N
J
Q
5
1
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
0
9N
P
L
5
1
-
D
0
1
V
2
2
L
A
G
P
I
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
0
9N
J
L
5
1
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
5
25
15
15
5N
P
Q
5
2
-
D
0
1
V
2
2
L
A
G
P
I
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
5
5N
J
Q
5
2
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
0
9N
P
L
5
2
-
D
0
1
V
2
2
L
A
G
p
i
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
0
9N
J
L
5
2
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
Industrial Grade Specifications
)
s
n
(
d
p
T)
s
n
(
u
s
T)
s
n
(
o
c
T)
A
m
(
c
c
I#
g
n
i
r
e
d
r
Oe
g
a
k
c
a
P
5
.
755
.
40
6
1I
N
P
L
7
-
D
0
1
V
2
2
L
A
G
P
I
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
5
.
45
.
40
6
1I
N
J
L
7
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
0
17
7
0
6
1I
N
P
L
0
1
-
D
0
1
V
2
2
L
A
G
P
I
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
0
6
1I
N
J
L
0
1
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
5
10
18
0
3
1I
N
P
L
5
1
-
D
0
1
V
2
2
L
A
G
P
I
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
0
3
1I
N
J
L
5
1
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
0
24
10
10
3
1I
N
P
L
0
2
-
D
0
1
V
2
2
L
A
G
P
I
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
0
3
1I
N
J
L
0
2
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
5
25
15
10
3
1I
N
P
L
5
2
-
D
0
1
V
2
2
L
A
G
p
i
D
c
i
t
s
a
l
P
n
i
P
-
4
2
e
e
r
F
-
d
a
e
L
0
3
1I
N
J
L
5
2
-
D
0
1
V
2
2
L
A
G
C
C
L
P
d
a
e
L
-
8
2
e
e
r
F
-
d
a
e
L
Blank = Commercial
I = Industrial
Grade
Package
Power
L = Low Power
Q = Quarter Power
Speed (ns)
XXXXXXXX
XX
X XX X
Device Name
_
P = Plastic DIP
PN = Lead-Free Plastic DIP
J = PLCC
JN = Lead-Free PLCC
S = SOIC
GAL22V10D


Similar Part No. - GAL22V10D-25QJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-25QJ LATTICE-GAL22V10D-25QJ Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
GAL22V10D-25QJ LATTICE-GAL22V10D-25QJ Datasheet
718Kb / 23P
   Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
GAL22V10D-25QJ LATTICE-GAL22V10D-25QJ Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-25QJ LATTICE-GAL22V10D-25QJ Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-25QJN LATTICE-GAL22V10D-25QJN Datasheet
718Kb / 23P
   Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
More results

Similar Description - GAL22V10D-25QJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX2VBC LATTICE-ISPGDX2VBC Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA5F23C7N ALTERA-5CEBA5F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX30CF23C8N ALTERA-EP4CGX30CF23C8N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C8N ALTERA-EP4CE10F17C8N Datasheet
697Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com