Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL22V10D-25QJN Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # GAL22V10D-25QJN
Description  GAL 22V10 Device Datasheet
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-25QJN Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button GAL22V10D-25QJN Datasheet HTML 6Page - Lattice Semiconductor GAL22V10D-25QJN Datasheet HTML 7Page - Lattice Semiconductor GAL22V10D-25QJN Datasheet HTML 8Page - Lattice Semiconductor GAL22V10D-25QJN Datasheet HTML 9Page - Lattice Semiconductor GAL22V10D-25QJN Datasheet HTML 10Page - Lattice Semiconductor GAL22V10D-25QJN Datasheet HTML 11Page - Lattice Semiconductor GAL22V10D-25QJN Datasheet HTML 12Page - Lattice Semiconductor GAL22V10D-25QJN Datasheet HTML 13Page - Lattice Semiconductor GAL22V10D-25QJN Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Specifications GAL22V10
8
tpd
A
Input or I/O to Combinatorial Output
1
4
1
5
1
7.5
ns
tco
A
Clock to Output Delay
1
3.5
1
4
1
4.5
ns
tcf2
Clock to Feedback Delay
2.5
3
3
ns
tsu
Setup Time, Input or Fdbk before Clk↑
2.5
3
4.5
ns
th
Hold Time, Input or Fdbk after Clk↑
0
0—0—
ns
A
Maximum Clock Frequency with
167
142.8
111
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
200
166
133
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
250
200
166
MHz
No Feedback
twh
Clock Pulse Duration, High
2
2.5
3
ns
twl
Clock Pulse Duration, Low
2
2.5
3
ns
ten
B
Input or I/O to Output Enabled
1
5
1
6
1
7.5
ns
tdis
C
Input or I/O to Output Disabled
1
5
1
5.5
1
7.5
ns
tar
A
Input or I/O to Asynch. Reset of Reg.
1
4.5
1
5.5
1
9
ns
tarw
Asynch. Reset Pulse Duration
4.5
4.5
7
ns
tarr
Asynch. Reset to Clk↑ Recovery Time
3
4
5
ns
tspr
Synch. Preset to Clk↑ Recovery Time
3
4
5
ns
Over Recommended Operating Conditions
UNITS
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Description section.
3) Refer to fmax Description section. Characterized initially and after any design or process changes that may affect these
parameters.
PARAM
TEST
COND.1
DESCRIPTION
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
-5
MIN. MAX.
COM/IND
COM
-7
MIN. MAX.
AC Switching Characteristics
Capacitance (T
A = 25
°C, f = 1.0 MHz)
Specifications GAL22V10D
COM
-4
MIN. MAX.


Similar Part No. - GAL22V10D-25QJN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-25QJN LATTICE-GAL22V10D-25QJN Datasheet
718Kb / 23P
   Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
GAL22V10D-25QJN LATTICE-GAL22V10D-25QJN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-25QJN LATTICE-GAL22V10D-25QJN Datasheet
718Kb / 23P
   All Devices Discontinued
More results

Similar Description - GAL22V10D-25QJN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX2VBC LATTICE-ISPGDX2VBC Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA5F23C7N ALTERA-5CEBA5F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX30CF23C8N ALTERA-EP4CGX30CF23C8N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C8N ALTERA-EP4CE10F17C8N Datasheet
697Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com