Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3002ACMCL Datasheet(PDF) 5 Page - Littelfuse

Part # P3002ACMCL
Description  MC Series - Modified TO-220
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3002ACMCL Datasheet(HTML) 5 Page - Littelfuse

  P3002ACMCL Datasheet HTML 1Page - Littelfuse P3002ACMCL Datasheet HTML 2Page - Littelfuse P3002ACMCL Datasheet HTML 3Page - Littelfuse P3002ACMCL Datasheet HTML 4Page - Littelfuse P3002ACMCL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
84
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Part Marking
Packing Options
Part Numbering
Package
Type
Description
Quantity
Added Suffix
Industry
Standard
A
Modified TO-220
Tape and Reel Pack
700
RP
EIA-468-B
Modified TO-220
Bulk Pack
500
N/A
N/A
Modified TO-220,
Type 60 Lead Form
Bulk Pack
500
60
(special order item,
contact factory for details)
N/A
CONSTRUCTION VARIABLE
PACKING OPTIONS
I
PP RATING
RoHS COMPLIANT
TYPE
P = SIDACtor
P
MC L xx
MEDIAN VOLTAGE
PACKAGE TYPE
xxx 2 A x
MC Series
Blank, RP or 60
-- forType 60 orders, contact factory
xxxxx
XXXXXXXXX
Part Marking Code
(Refer to Electrical Characteristics Table)
Date Code
Tape and Reel Specification — Modified TO-220
1.626
(41.15)
0.720
(18.29)
0.360
(9.14)
0.240
(6.10)
0.019
(0.5)
0.750 ± 0.010
(19.05 ± 0.25)
0.500
(12.7)
0.100
(2.54)
0.100
(2.54)
14.173 (360.0)
Dimensions are in inches
(and millimeters).
1.968
(50.0)
Direction of Feed
Dimensions - Modified TO-220
D
F
P
G
A
O
Temperature
Measurement
Point
PIN 3
PIN 2
PIN 1
J
H
L
K
M
N
The modifiedTO-220 package is designed to
meet mechanical standards as set forth in
JEDEC publication number 95.
Inches
Millimeters
Min
Max
Min
Max
A
0.400
0.410
10.16 10.42
D
0.360
0.375
9.14
9.53
F
0.110
0.130
2.80
3.30
G
0.540
0.575
13.71 14.61
H
0.025
0.035
0.63
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.90
M
0.070
0.085
1.78
2.16
N
0.018
0.024
0.46
0.61
O
0.178
0.188
4.52
4.78
P
0.290
0.310
7.37
7.87


Similar Part No. - P3002ACMCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3002ACMCL LITTELFUSE-P3002ACMCL Datasheet
157Kb / 3P
   Two-chip MicroCapacitance
P3002ACMCLXX LITTELFUSE-P3002ACMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
More results

Similar Description - P3002ACMCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
P3403AAL LITTELFUSE-P3403AAL Datasheet
144Kb / 5P
   SIDACtor Balanced Series - Modified TO-220
P0641A LITTELFUSE-P0641A_2 Datasheet
117Kb / 2P
   Twin SLIC Protector Modified TO-220
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P0602ACLXX LITTELFUSE-P0602ACLXX Datasheet
161Kb / 4P
   The SIDACtor짰 Primary Protection Series Modified TO-220 are thyristor devices
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
159Kb / 4P
   The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
logo
New Jersey Semi-Conduct...
2N5191 NJSEMI-2N5191 Datasheet
92Kb / 1P
   TO-220
logo
Kersemi Electronic Co.,...
AC16DSMA KERSEMI-AC16DSMA Datasheet
1Mb / 5P
   Isolated plastic package (modified TO-220AB)
logo
IRC - a TT electronics ...
TFP-MHP20LF-10R0-J IRCTT-TFP-MHP20LF-10R0-J Datasheet
389Kb / 3P
   MHP TO-220 Series Power Resistor
logo
TT Electronics.
MHP50 TTELEC-MHP50 Datasheet
760Kb / 6P
   TO-220 housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com